Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1118 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1118 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1114Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1115Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1116Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1117Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1118Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1119Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1120Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1121Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1122Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1118 / 1386 page
background image
ATM AAL2
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
33-12
Freescale Semiconductor
33.3.5.2
CPS Tx Queue Descriptor
Each CPS TxBD table is managed by a CPS Tx queue descriptor (TxQD), as shown in Figure 33-7. The
TxQD contains the address of the next BD to be serviced, and other queue-specific parameters. The
NextQueue pointer is used to create a linked list of TxQDs, as described in Section 33.3.2, “Transmit
Priority Mechanism.” The CPS TxQD is located in the dual-port RAM, in a 16-byte aligned address.
0x1C
0–1
—
Reserved, should be cleared during initialization.
2–7
PMT
Performance monitoring table. Points to one of the available 64
performance monitoring tables. The starting address of the table is
PMT_BASE+PMT*32.
8–15
MaxStep
Holds the number of TX Queues visited for each cell being prepared for
transmission. In fixed priority mode (TCT[Fix]=1), MaxStep should be set
to the total number of TX queues in the channel. See Section 33.3.2,
“Transmit Priority Mechanism.”
0x1E
0–1
—
Reserved, should be cleared during initialization.
2–7
PFT
Partial fill threshold. Used for partially filled cells only; see Section 33.3.3,
“Partial Fill Mode (PFM).” Specifies the maximum number of packet bytes
allowed in a CPS PDU. The range 1–48 are valid values.
If PFT=48 in partial fill mode, performance is adversely affected. When
not in partial fill mode, PFT must be initialized to 47.
8–11
—
Reserved, should be cleared during initialization.
12
OneP
One packet per queue. See Section 33.3.2, “Transmit Priority
Mechanism.”
0 The transmitter reads as many packets as possible from each TX queue
before moving to the next queue.
1 The transmitter reads only one packet from each TX queue before
advancing to the next queue.
13
STPT
Stop transmit. Should be cleared during initialization. When the host sets
this bit, the CP removes this channel from the APC and clears
TCT[VCON] flag.
14
Fix
Fixed priority. See Section 33.3.2, “Transmit Priority Mechanism.”
0 Round robin priority. The TX Queues related to this channel all share
the same priority.
1 Fixed priority. The TX Queues are ordered in a fixed priority ladder.
15
PM
Performance monitoring
0
No performance monitoring for this VC.
1 Performance is monitored for this VC. When a cell is sent for this VC,
the performance monitoring table indicated in PMT field is updated.
1
Boldfaced entries must be initialized by the user.
Table 33-1. AAL2 Protocol-Specific Transmit Connection Table (TCT) Field Descriptions (continued)
Offset
Bits
Name1
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com