Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1121 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1121 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1117Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1118Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1119Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1120Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1121Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1122Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1123Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1124Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1125Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1121 / 1386 page
background image
ATM AAL2
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
33-15
Figure 33-9 shows a CPS TxBD.
Table 33-3 describes the CPS TxBD fields.
.
0
1
2
3
4
7
8
15
Offset + 0x00
R
CM
W
I
—
CPS Packet Header
Offset + 0x02
CPS Packet Header
Offset + 0x04
Tx Data Buffer Pointer (TXDBPTR)
Offset + 0x06
Figure 33-9. CPS TxBD
Table 33-3. CPS TxBD Field Descriptions
Offset
Bits
Name1
1
Boldfaced entries must be initialized by the user.
Description
0x00
0
R
Ready
0 The buffer associated with this BD is not ready for transmission. The user is free
to manipulate this BD or its associated buffer. The CP clears R after the buffer is
sent or after an error condition is encountered.
1 The user-prepared buffer has not been sent or is currently being sent. No fields of
this BD may be written by the user once R is set.
1
CM2
2 Setting Continuous mode (TxBD[CM] = 1) is not allowed in CID switching mode.
Continuous mode
0 Normal operation.
1 The CP does not clear R after this BD is closed, allowing the associated buffer to
be retransmitted automatically when the CP next accesses this BD. However, the
R bit is cleared if an error occurs during transmission, regardless of the CM bit
setting.
2
W
Wrap (final BD in table)
0 This is not the last BD in the TxBD table.
1 This is the last BD in the TxBD table. After this buffer is used, the CP transmits
outgoing data for this channel from the first BD in the table (the BD pointed to by
the channel’s TxBD_table_Base in the TxQD). The number of TxBDs in this table
is determined only by the W bit.
3
I
Interrupt
0 No interrupt is generated after this buffer has been serviced.
1 A Tx Buffer event is sent to the interrupt queue after this buffer is serviced. The
GHIN/GLIN bit in the event register is set when the INT_CNT counter reaches
terminal count.
4–7
—
Reserved, should be cleared during initialization.
8–15
CPS Packet
Header
This field contains the beginning (MSB) of the 3-byte packet header. See
Figure 33-10 for the CPS packet header format.
0x02
—
CPS Packet
Header
This field contains the rest of the packet header. If TxQD[HEC] = 0, the HEC part of
the packet header is calculated by the CP, and the user may disregard the five
least-significant bits of this field. See Figure 33-10 for the CPS packet header format.
0x04
—
TXDBPTR
Tx data buffer pointer. Points to the address of the associated buffer. There are no
byte-alignment requirements for the buffer, and it may reside in either internal or
external memory. This pointer is not modified by the CP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com