Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1122 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1122 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1118Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1119Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1120Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1121Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1122Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1123Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1124Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1125Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1126Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1122 / 1386 page
background image
ATM AAL2
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
33-16
Freescale Semiconductor
33.3.5.4
SSSAR Tx Queue Descriptor
A SSSAR TxBD table and its associated buffers are collectively called an SSSAR TX Queue. Each
SSSAR TX Queue is managed by an SSSAR TxQD, as shown in Figure 33-11. The TxQD contains the
base address of the BD table, the offset of the next BD to be serviced, the data buffer pointer, and other
queue-specific parameters. The NextQueue pointer is used to create a linked list of TxQDs, as described
in Section 33.3.2, “Transmit Priority Mechanism.” The SSSAR TxQD is located in the dual-port RAM in
a 32-byte aligned address.
07
8
13
14
18
19
23
Channel identifier (CID)
Length indicator (LI)
User-to-user ID (UUI)
Header error check (HEC)
Figure 33-10. CPS Packet Header Format
0
7
8
9
10
11
12
13
14
15
Offset + 0x00
—
BNM
UUI
INF
CPS TBM SSSAR
—
Offset + 0x02
Seg_Len
—
Offset + 0x04
TxBD Table Base
Offset + 0x06
Offset + 0x08
TxBD Table Offset Out
Offset + 0x0A
—
Offset + 0x0C
NextQueue
Offset + 0x0E
—
Offset + 0x10
Offset + 0x12
Offset + 0x14
Offset + 0x16
Offset + 0x18
Offset + 0x1a
Offset + 0x1C
Offset + 0x1E
Figure 33-11. SSSAR Tx Queue Descriptor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com