Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1130 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1130 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1126Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1127Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1128Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1129Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1130Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1131Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1132Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1133Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1134Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1130 / 1386 page
background image
ATM AAL2
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
33-24
Freescale Semiconductor
5
—
Reserved, should be cleared during initialization.
6
DTB
Data buffer bus selection.
0 Reside on the 60x bus.
1 Reside on the local bus.
7
BIB
Bus selection for the BDs, interrupt queues, CID mapping table, RxQDs, and the free
buffer pool.
0 Reside on the 60x bus.
1 Reside on the local bus.
8–9
—
Reserved, should be cleared during initialization.
10
SEGF
OAM F5 segment filtering
0 Do not send cells with PTI=100 to the raw cell queue.
1 Send cells with PTI=100 to the raw cell queue.
11
ENDF
OAM F5 end-to-end filtering
0 Do not send cells with PTI=101 to the raw cell queue.
1 Send cells with PTI=101 to the raw cell queue.
12
—
Reserved, should be cleared during initialization.
13
MAP
CID mapping table memory location select
0 Resides in the dual-port RAM.
1 Resides in external memory.
14–15
INTQ
Assigns one of the four available interrupt queues to this ATM channel number.
0x02
0–11
—
Reserved, should be cleared during initialization.
12
NoSTF
No STF byte.
0 Normal AAL2 cell structure.
1 The cell does not include the STF byte. In this mode each cell starts with a packet
and contains only whole packets (no split or part).
13–15
AAL
AAL type
000
AAL0 —Reassembly with no adaptation layer
001
AAL1 —ATM adaptation layer 1 protocol
010
AAL5 —ATM adaptation layer 5 protocol
100
AAL2 —ATM adaptation layer 2 protocol
101
AAL1_CES. Refer to Chapter 32, “ATM AAL1 Circuit Emulation Service.”
All others reserved.
Table 33-6. AAL2 Protocol-Specific RCT Field Descriptions (continued)
Offset
Bits
Name 1
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com