Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1133 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1133 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1129Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1130Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1131Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1132Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1133Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1134Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1135Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1136Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1137Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1133 / 1386 page
background image
ATM AAL2
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
33-27
Table 33-7 describes the CPS RxQD fields.
33.4.4.4
CPS Receive Buffer Descriptor (RxBD)
The CPS RxBD structure consists of a BD table that points to data buffers. The RxBDs contain, apart from
the buffer pointer, the packet header, as shown in Figure 33-17. The buffers contain the packet payload.
Table 33-8 describes the CPS RxBD fields.
Table 33-7. CPS RxQD Field Descriptions
Offset
Bits
Name1
1
Boldfaced entries must be initialized by the user.
Description
0x00
0–11
—
Reserved, should be cleared during initialization.
12
RBM
Receive buffer mask.
0 Disable receive buffer interrupt.
1 Enable receive buffer interrupt.
13
—
Reserved, should be cleared during initialization.
14–15 SubType
SubType. Sublayer type, should be 00 (CPS) for this descriptor.
00 CPS sublayer.
01 CPS switched.
10 SSSAR.
11 Reserved.
0x02
—
RxBD Table
Offset
Holds the offset to the next BD to be opened by the receiver. Should be cleared
during initialization.
0x04
—
RxBD Table
Base
Holds the pointer to the first BD in the BD table.
0
1
2
3
4
6
7
8
15
Offset + 0x00
E
CM
W
I
—
UP
CPS Packet Header
Offset + 0x02
Packet Header
Offset + 0x04
Rx Data Buffer Pointer (RXDBPTR)
Offset + 0x06
Figure 33-17. CPS Receive Buffer Descriptor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com