Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1136 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1136 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1132Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1133Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1134Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1135Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1136Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1137Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1138Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1139Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1140Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1136 / 1386 page
background image
ATM AAL2
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
33-30
Freescale Semiconductor
Table 33-10 describes the Switch RxBD fields.
33.4.4.7
SSSAR Rx Queue Descriptor
The SSSAR RxQD, as shown in Figure 33-20, points to the RxBD table and contains other parameters
specific to the SSSAR sublayer. This descriptor can belong to only one PHY | VP | VC | CID.
Table 33-10. Switch RxBD Field Descriptions
Offset
Bits
Name1
1
Boldfaced entries must be initialized by the user.
Description
0x00
0
E/R
Buffer Ready
Must be set to zero.
1
0
Not valid for switching mode, should be cleared to 0 upon initialization.
2
W
Wrap (final BD in table)
0 This is not the last BD in the RxBD table.
1 This is the last BD in the RxBD table of this current channel. After this buffer has been
used, the CP receives incoming data for this channel into the first BD in the table. The
number of RxBDs in this table is programmable and is determined only by the W bit.
The current table cannot exceed 64 Kbytes.
3
I
Interrupt.
0 The CP will not issue an interrupt after this buffer is serviced.
1 The CP will issue an interrupt after this buffer is serviced if the RBM bit in the RxQD is
set.
4–6
—
Reserved, should be cleared during initialization.
7
UP
Uncompleted packet.
0 No error occurred in this packet and the complete packet has been received.
1 if R/E=1 a receive error occurred that caused this packet to be uncompleted. The
receive error type is reported to the interrupt queue. The transmitter will skip this
BD when in this state and continue to the next BD in the ring.
If R/E=0 a receiver has received the first part of a packet and is waiting for the rest of
it to be received on the next ATM cell.
8–15
CPS Packet
Header
Contains the beginning of the packet header. See Figure 33-10 for the CPS packet
header format. (see remark in next row)
0x02
—
CPS Packet
Header
(Receiver
CC)
Contains the rest of the packet header. The CP checks the packet HEC and if
appropriate, indicates a packet HEC error in an interrupt queue entry with CID = 0. See
Figure 33-10 for the CPS packet header format.
In case of a “stuck” receiver in switch mode, where the BD ring in common to Tx and
Rx, this field indicates the last Receiver Channel Code number which has been
received. The terminology for “stuck” implies a receiver which started receiving a
packet and the rest of the packet hasn’t been received.When the receiver is in a “stuck”
state the entry: CPS Packet Header is not valid. If the Time-out mechanism is being
used this field is being used internally by the CPM.
0x04
—
RXBDPTR
Rx data buffer pointer. Points to the address of the associated buffer. There are no
byte-alignment requirements for the buffer, and it may reside in either internal or
external memory. This value is not modified by the CP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com