Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1140 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1140 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1136Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1137Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1138Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1139Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1140Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1141Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1142Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1143Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1144Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1140 / 1386 page
background image
ATM AAL2
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
33-34
Freescale Semiconductor
33.5
AAL2 Parameter RAM
When configured for ATM mode, the FCC parameter RAM is mapped as shown in Table 33-13. The table
includes both the fields for general ATM operation and also the fields specific to AAL2 operation.
Note that some of the values must be initialized by the user, but values updated by the CP should not be
modified by the user.
0x02
—
Data
Length
Contains the length of the buffer associated with this BD. If this is the last buffer (L=1)
of the SSSAR SDU, this field contains the total frame length.
0x04
—
RXDBPTR
Rx data buffer pointer. Points to the address of the associated buffer. There are no
byte-alignment requirements for the buffer, and it may reside in either internal or
external memory. This value is not modified by the CP.
1
Boldfaced entries must be initialized by the user.
2 When RAS timer expires the RxBD is closed with RAS timer expired indication, the Last (L) bit is not set, and RXF
interrupt is not issued. A new RxBD is opened for the next incoming AAL2 packet and the frame is processed as
normal and is treated as a new frame. When the next SSSAR end-of-frame indication is received, the RxBD at that
time is closed with an L indication, and if RxQD[RFM] = 1, the receiver issues an RXF interrupt.
Table 33-13. AAL2 Parameter RAM
Offset
Name
Width
Description
0x00–
0x3F
—
—
Reserved. Should be cleared during initialization.
0x40
RCELL_TMP_BASE
Hword
Rx cell temporary base address. Points to a total of 64 bytes reserved
dual-port RAM area used by the CP. Should be 64 byte aligned.
User-defined. (Recommended address space: 0x3000–0x4000 or
0xB000–0xC000.)
0x42
TCELL_TMP_BASE
Hword
Tx cell temporary base address. Points to total of 64 bytes reserved
dual-port RAM area used by the CP. Should be 64-byte aligned.
User-defined.
(Recommended address space: 0x3000–0x4000 or 0xB000–0xC000.)
0x44
UDC_TMP_BASE
Hword
UDC mode only. Points to a total of 32 bytes reserved dual-port RAM
area used by the CP. Should be 64-byte aligned. User-defined.
(Recommended address space: 0x3000–0x4000 or 0xB000–0xC000.)
0x46
INT_RCT_BASE
Hword
Internal receive connection table base. User-defined.
0x48
INT_TCT_BASE
Hword
Internal transmit connection table base. User-defined.
0x4A
INT_TCTE_BASE
Hword
Internal transmit connection table extension base. User-defined.
0x4C
RAS_Timer_Duration
Word
Contains the RAS_Timer duration in microseconds for the SSSAR
sublayer. User-defined.
0x50
EXT_RCT_BASE
Word
External receive connection table base. User-defined.
0x54
EXT_TCT_BASE
Word
External transmit connection table base. User-defined.
0x58
EXT_TCTE_BASE
Word
External transmit connection table extension base. User-defined.
Table 33-12. SSSAR RxBD Field Descriptions (continued)
Offset
Bits
Name1
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com