Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1144 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1144 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1140Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1141Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1142Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1143Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1144Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1145Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1146Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1147Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1148Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1144 / 1386 page
background image
ATM AAL2
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
33-38
Freescale Semiconductor
33.7
AAL2 Exceptions
For each VC, four circular interrupt queues are available. By programming RCT[INTQ] and TCT[INTQ]
for each VC, the user assigns an interrupt queue number.
When one of the CIDs generates an interrupt request, the CP writes a new entry to the interrupt queue
containing the ATM channel number, the CID and a description of the exception. Because CID = 0 is a
unique CID number, it is used to specify that the event is related to the VC rather than the CID. As with
all ATM exceptions, the valid (V) bit is then set and INTQ_PTR is incremented. When INTQ_PTR reaches
a location with the W bit set, it wraps to the first entry in the queue. More details can be found in
Section 31.11, “ATM Exceptions.”
An interrupt entry for a CID is shown in Figure 33-23.
Table 33-14 describes the interrupt queue entry fields for a CID.
0
1
2
3
10
11
12
13
14
15
Offset + 0x00
V
—
W
CID
TBNR RXB BSY
TXB
RXF
Offset + 0x02
Channel Code (CC)
Figure 33-23. AAL2 Interrupt Queue Entry CID
≠ 0
Table 33-14. AAL2 Interrupt Queue Entry CID
≠ 0 Field Descriptions
Offset
Bits
Name
Description
0x00
0
V
Valid interrupt entry
0 This interrupt queue entry is free and can be used by the CP.
1 This interrupt queue entry is valid. The host should read this interrupt and clear this bit.
1—
—
2
W
Wrap bit. When set, this is the last interrupt entry in the circular table. During initialization,
the host must clear all W bits in the table except the last one, which must be set.
3–10
CID
CID number. The exception occurred for this CID.
11
TBNR
Tx buffer not ready interrupt. This interrupt is issued when the CP tries to open a TxBD,
which is not ready (R = 0). This interrupt is sent only if TxQD[BNM] = 1. The interrupt has
an associated channel code and CID.
Note: The CID number that is placed in the interrupt queue is the one currently located in
the last BD. Because the CID is not updated when the BD is not ready, the CID value
is the one extracted from this BD when it was last processed and transmitted. If the
BD is never processed and the BD was cleared, the CID value could be zero.
12
RXB1
1 These interrupt queue fields are defined differently for other AAL types. Refer toTable 31-42 for more information.
Rx buffer interrupt. This interrupt is issued when the I bit is set for an RxBD and the
RxQD[RBM] bit is set. This interrupt has an associated channel code and CID.
13
BSY
Busy condition. The RxBD table associated with this channel’s CID is busy. Packets were
discarded due to this condition.
14
TXB
Transmit buffer interrupt. This interrupt is issued when the TxBD[I] bit is set. This interrupt
is sent only if TxQD[TBM] is set. This interrupt has an associated channel code and CID.
15
RXF1
Receive SSSAR SDU (frame). An SSSAR frame belonging to this channel’s CID has been
received. This interrupt is sent only if RxQD[RFM]=1.
0x02
—
CC
Channel code specifies the ATM channel number associated with this interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com