Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1137 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1137 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1133Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1134Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1135Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1136Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1137Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1138Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1139Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1140Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1141Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1137 / 1386 page
background image
ATM AAL2
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
33-31
Table 33-11 describes the SSSAR RxQD fields.
.
0
10
11
12
13
14
15
Offset + 0x00
—
RasT
RBM
RFM
SubType
Offset + 0x02
RxBD Table Offset
Offset + 0x04
RxBD Table Base
Offset + 0x06
Offset + 0x08
—
Offset + 0x0A
Offset + 0x0c
Time Stamp
Offset + 0x0e
Offset + 0x10
—
Offset + 0x12
—
Offset + 0x14
MRBLR
Offset + 0x16
Max_SSSAR_SDU_Length
Offset + 0x18
—
Offset + 0x1A
Offset + 0x1C
Offset + 0x1E
Figure 33-20. SSSAR Rx Queue Descriptor
Table 33-11. SSSAR RxQD Field Descriptions
Offset
Bits
Name1
Description
0x00
0–10
—
Reserved, should be cleared during initialization.
11
RasT
Ras Timer enable.
0 Ras Timer disabled (Time Stamp field is still valid)
1 Ras Timer enabled. The Ras Timer duration is set by the Ras Timer Duration
parameter in the parameter RAM. If the current SSSAR SDU is not completed
before the RasTimer expires, the BD is closed showing the Ras_Timer expired (TE)
(SSSAR RxBD[RxError] = 01) and the next packet starts a new SDU.
12
RBM
Receive buffer mask.
0 Disable receive buffer interrupt
1 Enable receive buffer interrupt
13
RFM
Receive frame mask.
0 Disable receive frame interrupt
1 Enable receive frame interrupt
14–15 SubType
Sublayer type. Should be 10 (SSSAR) for this descriptor.
00 CPS sublayer
01 CPS switched
10 SSSAR
11 Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com