Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1165 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1165 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1161Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1162Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1163Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1164Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1165Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1166Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1167Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1168Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1169Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1165 / 1386 page
background image
Inverse Multiplexing for ATM (IMA)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
34-19
•
The system is only capable of carrying services that either do not require CDV control (e.g. some
data services), or where the CDV is handled in some other way (e.g. absorbed in a play-out buffer
at the ATM layer connection termination).
The MPC8280 may qualify as such a system, if the MPC8280 terminates all ATM connections that it
receives. The buffer-descriptors and external memory serve as a play-out buffer.
Furthermore, a system which does not terminate cells, but instead passes cells port-to-port, can also use
this mode of operation if either of the following conditions are met:
•
All cell streams are switched at the VC level only, and the VC’s traffic type is one supported by the
MPC8280’s APC. In this case, the APC of the MPC8280 can be programmed to appropriately
reshape the VC at the egress port, and therefore no cell delay variation (CDV) will be introduced.
•
Some (or all) cell streams are switched at the VP level, but the switched VPs only carry traffic for
which cell delay variation (CDV) within the bounds of an IMA round-robin distribution is
tolerable. For example, if the IMA group consists of 8 DS1 links, then the maximum CDV
introduced by this method would be 8 cell times, or approximately 2.2ms
If the system meets the above qualifications, then this mode of operation is recommended, as it is the
simplest and will yield overall better system performance (i.e. this mode requires less CPM processing
power).
34.3.3.2.2
IDCR-Regulated Cell Processing
In this mode, cell processing is triggered at the recovered IMA data cell rate (IDCR). During group startup,
the microcode recovers the PHY clock rate of the TRL from the average period between requests from the
TRL PHY. It does this by averaging the difference of timestamps taken from the IDCR master timer
whenever the TRL’s PHY is serviced. As part of the group activation process, software calculates the
required IDCR request rate (scaling this rate by the number of links in the IMA group and by the
2048/2049 scale factor introduced by stuffing on the TRL), programs it in the IMA group’s associated
entry in the IDCR timer table, and enables the group’s IDCR timer table entry. Whenever a link is added
or removed from the group, software must update the IDCR timer table entry.
The IDCR timer table entries are maintained by the CPM according to the IDCR master timer. For each
IDCR master timer tick, the IDCR timer table entries are updated. When an IDCR timer table entry times
out, it triggers cell processing for one cell from the delay compensation buffers of its associated IMA
group. The timer table entry is then reset according to its IDCR request rate.
For this function to operate reliably and regularly, an adequate amount of CPM processing bandwidth must
be reserved for the microcode task that services the IDCR timers. If care is not taken with this aspect of
system design, then the IDCR task might miss the cell processing of incoming cells, resulting in the
eventual overflow of the delay compensation buffers. In order to ensure against this, it is recommended to
either (1) program the IDCR to run as a high-priority CPM task, or (2) leave an adequate margin of CPM
performance, on the order of 15%.
One additional benefit from IDCR-regulated cell processing is the microcode support for IMA group
service timeouts. If an active IMA group experiences 3 IDCR tick timeouts without having a data cell
available in its delay compensation buffers, then the group is determined to have stalled and an error
interrupt is provided to software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com