Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1168 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1168 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1164Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1165Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1166Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1167Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1168Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1169Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1170Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1171Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1172Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1168 / 1386 page
background image
Inverse Multiplexing for ATM (IMA)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
34-22
Freescale Semiconductor
34.4.2
IMA FCC Programming
34.4.2.1
FCC Registers
34.4.2.1.1
FPSMRx
The FCC protocol-specific mode register (FPSMR) for ATM operation is described in Section 31.13.2,
“FCC Protocol-Specific Mode Register (FPSMR).” Refer to that section for information pertaining to
IMA.
34.4.2.1.2
FTIRRx
For any PHY programmed in IMA mode (i.e. corresponding bit in IMAPHY is set), the corresponding
FTIRRx must be programmed to zero, for external rate mode. However, for PHYs 0-3, internal rate mode
may be selected for non-IMA PHYs. Refer to Section 31.15.1.1, “FCC Transmit Internal Rate Register
(FTIRRx).”
34.4.2.2
FCC Parameters
34.4.2.2.1
TCELL_TMP_BASE and RCELL_TMP_BASE
The TCELL_TMP_BASE and RCELL_TMP_BASE have the same definitions as for a standard FCC, in
that they contain 64-byte aligned addresses of regions of DPRAM for temporary cell storage. However,
the 4 bytes leading and 4 bytes following the region indicated by TCELL_TMP_BASE must also be
reserved for use by the IMA microcode (thereby increasing its size to 60 bytes); and the 12 bytes following
the region indicated by RCELL_TMP_BASE must also be reserve for use by the IMA microcode (thereby
increasing its size to 64 bytes).
RCELL_TMP_BASE may be programmed to any 64-byte aligned address. TCELL_TMP_BASE must be
programmed to a 64-byte aligned address terminating with 0x40 (i.e. 0xnn40).
34.4.2.2.2
GMODE
IMA functionality in ROM is enabled using the GMODE register. Refer to Section 31.10.1.3, “Global
Mode Entry (GMODE).”
34.4.2.3
IMA-Specific FCC Parameters
The following parameter must be programmed in the FCC parameter RAM page in addition to the standard
FCC parameters for ATM.
Table 34-2. FCC Parameter RAM Additions
Offset
Name
Width
Description
0xEE
IMAROOT
Hword
Offset of IMA root table in DPRAM. Must be 128-byte aligned.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com