Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1170 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1170 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1166Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1167Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1168Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1169Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1170Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1171Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1172Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1173Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1174Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1170 / 1386 page
background image
Inverse Multiplexing for ATM (IMA)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
34-24
Freescale Semiconductor
0x3C
TXPHYEN
Word
Transmit PHY enable. Bit array addressed by PHY address (e.g. bit 0
corresponds to PHY 0). Setting a bit enables transmission for the
corresponding PHY. Must be used to enable/disable the corresponding
PHY regardless of whether or not the PHY is defined as IMA in IMAPHY.
Only idle/unassigned cells are transmitted on disabled PHYs. Note that the
FCC must also be enabled in GFMR[ENT] for transmission to occur.
Bit 31 is reserved, and must be programmed to zero.
0x40
IMAPHY
Word
Bit array addressed by PHY address (e.g. bit 0 corresponds to PHY 0).
Setting a bit defines the corresponding PHY to operate in IMA mode.
Clearing a bit defines the corresponding PHY to operate as a normal
(non-IMA) multi-PHY.
Bit 31 is reserved, and must be programmed to zero.
0x44
IMAEXTBASE
Word
IMA external structure base pointer. Points to region in external memory
where external IMA data structures are located. Must be aligned to a 1MB
boundary (i.e. program bits 12-31 to zero).
0x48
IMAGRPT_TX
Hword
Offset of IMA group transmit table in DPRAM. Must be 16-byte aligned.
0x4A
IMAGRPT_RX
Hword
Offset of IMA group receive table in DPRAM. Must be 64-byte aligned.
0x4C
IMALINKT_TX
Hword
Offset of IMA link transmit table in DPRAM. Must be 32-byte aligned.
0x4E
IMALINKT_RX
Hword
Offset of IMA link receive table in DPRAM. Must be 32-byte aligned.
0x50
IRLINKSTAT
Hword
Offset of the optional IMA link receive statistics table in DPRAM. Must be
8-byte aligned.
0x52
TMP_LPTR_RX
Hword
Microcode-managed parameter. Temporary storage of link table pointer.
0x54
TMP_LPTR_TX
Hword
Microcode-managed parameter. Temporary transmit table pointer.
0x56
TMP_GPTR_TX
Hword
Microcode-managed parameter. Temporary transmit group pointer.
0x58
TMP_GPORD_TX Hword
Microcode-managed parameter. Temporary transmit group order pointer.
0x5A
TMP_GPTR_RX
Hword
Microcode-managed parameter. Temporary receive group pointer.
0X5C
TMP_RTRN_RX
Hword
Microcode-managed parameter. Temporary return pointer.
0x5E
TMP_GPTR2_RX
Hword
Microcode-managed parameter. Temporary receive group pointer 2.
0x60–0x68 IDCR ROOT
PARAMETERS
—Refer to Section 34.4.8, “IDCR Timer Programming,” for more details
0x68
—
—
Reserved. Must be programmed to zero during initialization.
0x6C
ITPGRPO
Hword
Required for optional TRL Service Latency enhancement only.
IMA Temp Group Order - Points to the base of a 2byte temp pointer storage
per group. Software initialized before FCC is enabled. Microcode managed
parameter.
0x6E–0x7
F
—
—
Reserved. Must be programmed to zero during initialization.
1 Boldfaced entries in the above table indicate parameters which must be initialized by the user. All other parameters
are managed by the microcode and should be initialized to zero unless otherwise stated.
2 IMAFILLERHD is located at the word which immediately precedes the 128-byte aligned region defined by IMAROOT.
Thus it is located at offset - 0x04 from base of IMAROOT table.
Table 34-3. IMA Root Table1 (continued)
Offset
Name
Width
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com