Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1174 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1174 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1170Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1171Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1172Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1173Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1174Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1175Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1176Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1177Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1178Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1174 / 1386 page
background image
Inverse Multiplexing for ATM (IMA)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
34-28
Freescale Semiconductor
Table 34-7 describes the IGTSTATE bit fields.
34.4.4.1.3
Transmit Group Order Table
The transmit group order table defines the order of the links in the round-robin distribution of cells to the
links of the IMA group. The table consists of an array of bytes ordered from first link to last link, with each
byte providing the PHY address of its associated link. The end of the table is indicated by an entry
programmed to 0x1F.
This table alone defines the order of cell distribution. It is the responsibility of software to program the
LID of the links in the IMA Link Table entries, and to program the group order table such that its order
corresponds to the order of increasing LIDs within the group.
The format of a transmit group order table entry is shown in Figure 34-16.
Table 34-8 describes the format of a transmit group order table entry.
Table 34-7. IGTSTATE Field Descriptions
Bits
Name
Description
0
TSTF
TRL stuff flag. Microcode-managed parameter. Indicates that the next ICP cell on the TRL will
be part of a stuff event. Initialize to zero at group startup.
1
TIMSTF
TRL imminent stuff flag. Microcode-managed parameter. Indicates that an upcoming stuff
event will be signalled in the next ICP of the TRL (via LSI=001). Initialize to zero at group
startup.
2
GTE
Go to end flag - TRL has requested 2 times before round robin distribution has completed or
link will underrun and is still due a cell from round robin distribution. Microcode managed
parameter initialize to 0. Used for optional TRL Service Latency enhancement only.
3
TRQS
TRL Request - TRL has requested therefore 1 round robin distribution of cells and is yet to be
completed. Microcode managed parameter initialize to 0. Used for optional TRL Service
Latency enhancement only.
4
ELX
Early exit flag. Microcode-managed parameter. Initialize to zero at group startup.
5—
Reserved
6
ICH
ICP change holdoff. Microcode-managed parameter. Initialize to zero at group startup.
7
ICPCA
ICP change allowed flag. Microcode-managed parameter. See description of IGTCNTL[ICPC].
02
3
7
Field
—
PHY ADDRESS
Figure 34-16. Transmit Group Order Table Entry
Table 34-8. Transmit Group Order Table Entry Field Descriptions
Bits
Name
Description
0–2
—
Reserved
3–7
PHY
ADDRESS
PHY address (Up to 31 PHYs[0–30]) of the link transmitting in this position in the round-robin.
A value of 0x1F in this field indicates the end of the group order table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com