Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1175 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1175 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1171Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1172Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1173Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1174Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1175Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1176Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1177Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1178Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1179Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1175 / 1386 page
background image
Inverse Multiplexing for ATM (IMA)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
34-29
34.4.4.1.4
ICP Cell Templates
The ICP cell templates are areas of memory provided by software to the microcode for construction of ICP
cells for transmission. Software prepares the fields which are common to the group (i.e. class B, C, D, and
E parameters). The other (class A) parameters will be written to the appropriate fields by the microcode.
The template is 53 bytes long and must be aligned on a 64-byte boundary.
Table 34-9 describes the format of a group order table entry. The ICP cell template is formatted as
byte-swapped, and additionally the ICP cell header is bitswapped. [This is due to hardware
implementation, and does not imply the order of transmission of the cell. The transmission of the cell is
per the ATM standard.] Reflecting this byte-swap, the offset column gives the offset in DPRAM from the
ICP template base.
Table 34-9. ICP Cell Template 1
Offset
Name
Width
Description
0x00
ICP CELL HEADER
Word
ICP cell header. Program to 0xD0000000.
0x04
ICP Cell Offset
Byte
Microcode-managed area. Microcode will program this field
dynamically.
0x05
IMA Frame Sequence
Number
Byte
Microcode-managed area. Microcode will program this field
dynamically.
0x06
Cell ID and Link ID
Byte
Microcode-managed area. Microcode will program this field
dynamically.
0x07
OAM LABEL
Byte
IMA Version value.
1
IMA Version 1.0
3
IMA Version 1.1
0x08
GROUP STATUS AND
CONTROL
Byte
Bits 7-4: Group State
0000 = Start-up,
0001 = Start-up-Ack,
0010 = Config-Aborted - Unsupported M,
0011 = Config-Aborted - Incompatible Group Symmetry,
0100 = Config-Aborted - Unsupported IMA Version,
0101, 0110 = Reserved for other Config-Aborted reasons in a future
version of the IMA specification,
0111 = Config-Aborted - Other reasons,
1000 = Insufficient-Links,
1001 = Blocked,
1010 = Operational,
Others: Reserved for later use in a future version of the IMA
specification.
Bits 3-2: Group Symmetry Mode
00 = Symmetrical configuration and operation,
01 = Symmetrical configuration and asymmetrical operation (optional),
10 = Asymmetrical configuration and asymmetrical operation
(optional),
11 = Reserved
Bits 1-0: IMA Frame Length (00: M=32, 01: M=64, 10: M=128, 11:
M=256)
0x09
IMA ID
Byte
Bits 7-0: IMA ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com