Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1177 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1177 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1173Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1174Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1175Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1176Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1177Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1178Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1179Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1180Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1181Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1177 / 1386 page
background image
Inverse Multiplexing for ATM (IMA)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
34-31
34.4.4.2
IMA Group Receive Table Entry
0x26
LINK 21 INFO
Byte
Status and control of link with LID = 21
0x27
LINK 20 INFO
Byte
Status and control of link with LID = 20
0x28
LINK 27 INFO
Byte
Status and control of link with LID = 27
0x29
LINK 26 INFO
Byte
Status and control of link with LID = 26
0x2A
LINK 25 INFO
Byte
Status and control of link with LID = 25
0x2B
LINK 24 INFO
Byte
Status and control of link with LID = 24
0x2C
LINK 31 INFO
Byte
Program to 0x00.
0x2D
LINK 30 INFO
Byte
Status and control of link with LID = 30
0x2E
LINK 29 INFO
Byte
Status and control of link with LID = 29
0x2F
LINK 28 INFO
Byte
Status and control of link with LID = 28
0x30
CRC10
Hword
Microcode-managed area. Microcode will program this field
dynamically.
0x32
END-TO-END
CHANNEL
Byte
Program to any value desired for end-to-end
implementation-dependent signalling, or program to 0x00 if unused.
0x33
UNUSED
Byte
Program to 0x6A.
0x34
TAG
Byte
Internally-used tag value indicating that this is an ICP cell. Program to
0x80.
1 Boldfaced entries in the above table indicate parameters which must be initialized by the user. All other
parameters are managed by the microcode and should be initialized to zero unless otherwise stated.
Table 34-10. IMA Group Receive Table Entry 1
Offset
Name
Width
Description
0x00
IGRCNTL
Byte
IMA group receive control parameters.
0x01
IGRSTATE
Byte
IMA group receive state. Microcode-managed parameter. Initialize to
zero at group startup.
0x02
RIMAID
Byte
Receive IMA ID. Program to the validated receive IMA ID value.
0x03
IMAVER
Byte
IMA version. Program to the validated IMA version value.
1 IMA Version 1.0
3 IMA Version 1.1
0x04
RM
Byte
Receive IMA frame size. Program to 31, 63, 127, or 255 for frame sizes
of 32, 64, 128, or 256, respectively.
0x05
RNUMLINKS
Byte
Number of receive links in the IMA group that are in the active state
(ILRCNTL[RXSC]=01.
0x06
DCB_RM
Byte
Current cell (x out of RM cells in a Frame) being processed by the
reconstruction routine. Microcode-managed parameter. Initialize to
zero at group startup.
Table 34-9. ICP Cell Template (continued)1
Offset
Name
Width
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com