Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1180 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1180 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1176Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1177Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1178Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1179Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1180Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1181Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1182Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1183Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1184Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1180 / 1386 page
background image
Inverse Multiplexing for ATM (IMA)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
34-34
Freescale Semiconductor
34.4.4.2.1
IMA Group Receive Control (IGRCNTL)
The fields of the IGRCNTL register are shown in Figure 34-17.
Table 34-11 describes the IGRCNTL bit fields.
34.4.4.2.2
IMA Group Receive State (IGRSTATE)
The fields of the IGRSTATE register are shown in Figure 34-18.
0x30
LINK_DCBO
Word
Link DCB overflow interrupt indication. Bit array identifying which links
have issued a link DCB overflow (DCBO) interrupt. This parameter
ensures that only one DCBO interrupt is generated per event.
Microcode managed parameter. Initialize to zero at group startup.
0x34–
0x3F
—
3 Words
Reserved. Must be initialized to zero at group startups.
1 Boldfaced entries indicate parameters that must be initialized by the user. All other parameters are
managed by the microcode and should be initialized to zero unless otherwise stated.
01234567
Field
GOTP
—
RXSC
IDCR
—
Figure 34-17. IMA Group Receive Control (IGRCNTL)
Table 34-11. IGRCNTL Field Descriptions
Bits
Name
Description
0
GOTP
Group order table pointer. Defines which group order table pointer (RGRPORDER0 or
RGRPORDER1) will be used for the cell extraction round-robin. Initialize to zero at group
startup.
1–2
—
Reserved, initialize to zero.
3–4
RXSC
Receive status/control. Sets the receive mode of the IMA group.
00 Filler mode. The IMA group processes only ICP cells. Data cells are replaced with filler
cells.
01 Active mode. The IMA group is capable of receiving data cells.
1X Reserved. Defaults to Filler Mode.
5
IDCR
IDCR recovery enable. Selects the mode of the receive process activation function.
0 On-demand cell processing
1 IDCR-regulated cell processing
6–7
—
Reserved, initialize to zero.
0123
7
Field IDCR_DN
GDSS
—
Figure 34-18. IMA Group Receive State (IGRSTATE)
Table 34-10. IMA Group Receive Table Entry (continued)1
Offset
Name
Width
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com