Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1184 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1184 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1180Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1181Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1182Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1183Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1184Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1185Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1186Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1187Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1188Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1184 / 1386 page
background image
Inverse Multiplexing for ATM (IMA)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
34-38
Freescale Semiconductor
Table 34-16 describes the ILTCNTL bit fields.
34.4.5.1.2
IMA Link Transmit State (ILTSTATE)
The fields of the ILTSTATE register are shown in Figure 34-22
Table 34-17 describes the ILTSTATE bit fields.
012345
7
field
TRL
SES
—
TXSC
IGNUM
Figure 34-21. IMA Link Transmit Control (ILTCNTL)
Table 34-16. ILTCNTL Field Descriptions
Bits
Name
Description
0
TRL
Defines this link as the timing reference link (TRL) of the group.
0 This link is not the TRL.
1 This link is the TRL.
Note: One and only one link of the group must be programmed as the TRL. If zero or more than
one links are defined as TRL, erratic operation will occur.
1
SES
Severely errored seconds. Set by software when a severely errored second indication is
detected. When set, causes the transmit stuff event counter to stop counting.
2
—
Reserved, initialize to zero.
3–4
TXSC
Transmit status/control. Sets the transmit mode of the IMA link.
00 Filler mode. The IMA link transmits only ICP and filler cells, no data cells.
01 Active mode. The IMA link is capable of sending data cells.
1X Reserved.
5–7
IGNUM
Determines to which IMA group this link belongs. Contains the number of the link’s associated
IMA Group Table entry.
Note: This value need not be the same as the group’s IMA ID; the IMA ID is programmed
separately in the group’s ICP cell template.
012345
7
Field
LSTF
LIMSTf
LSTFIP
LGSU
TQSU
LDC
—
Figure 34-22. IMA Link Transmit State (ILTSTATE)
Table 34-17. ILTSTATE Field Descriptions
Bits
Name
Description
0
LSTF
Link stuff flag. Microcode-managed parameter. Indicates that the next ICP cell on this link will
be part of a stuff event. Initialize to zero at link startup.
1
LIMSTF
Link imminent stuff flag. Microcode-managed parameter. Indicates that an upcoming stuff
event will be signalled in the next ICP of this link (via LSI=001). Initialize to zero at link startup.
2
LSTFIP
Link stuff-in-progress flag. Microcode-managed parameter. Indicates that the next cell on this
link will be the second cell of a stuff event. Initialize to zero at link startup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com