Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1188 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1188 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1184Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1185Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1186Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1187Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1188Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1189Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1190Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1191Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1192Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1188 / 1386 page
background image
Inverse Multiplexing for ATM (IMA)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
34-42
Freescale Semiconductor
34.4.5.2.2
IMA Link Receive State (ILRSTATE)
The fields of the ILRSTATE register are shown in Figure 34-25
Table 34-21 describes the ILRSTATE bit fields.
3–4
RXSC
Receive status/control. Sets the receive mode of the IMA link.
00 Filler mode. The IMA link processes only ICP cells. Data cells are replaced with filler cells.
01 Active mode. The IMA link is capable of receiving data cells.
10 Dropped. Must be set by the user during the process of dropping the link. Dropped links are
treated filler mode until they are switched out of the receive round-robin (i.e. data cells are
replaced with filler cells).
11 Reserved.
5–7
IGNUM
Determines to which IMA group this link belongs. Contains the number of the link’s associated
IMA Group Table entry.
Note: This value need not be the same as the group’s IMA ID; the IMA ID is programmed
separately in the receive group’s RIMAID field.
8
ADD_NEW
Identifies this link as a new/added link to a group. Software must flip (0 to 1 or 1 to 0) this bit
ONLY when adding a link to an existing group that is operational. If ADD_NEW =
ILRSTATE[ADD_NEW_M] = 0, set ADD_NEW to 1 to indicate this is an added link. If
ADD_NEW = ILRSTATE[ADD_NEW_M] = 1, set ADD_NEW to 0 to indicate this is an added
link. Initialize to zero.
9
MON_ICP
Setting this bit will allow changed ICP cells received on this link to be passed on to the ATM
layer (defined channel). The user must monitor at least one link in order for ICP cells to be
passed on to the ATM layer.
10–15
—
Reserved, initialize to zero.
0
1
2
3
456
7
Field ADD_NEW_M
IFSS
MASK_ERR
STFEX
SU
CHK_NXT DATA_ERR
8
9
10
11
12
13
14
15
Field
icp_cell
FSES
SYNC_DeFeCT
STFIP
DL
—
Figure 34-25. IMA Link Receive State (ILRSTATE)
Table 34-21. ILRSTATE Field Descriptions
Bits
Name
Description
0
ADD_NEW_M
"New Link" shadow bit. Microcode managed parameter. Initialize to zero at link startup.
1–2
IFSS1
IMA frame synchronization state. Microcode-managed parameter. Initialize to zero at
link startup.
00 IMA hunt.
01 IMA presync.
1x IMA sync.
3
MASK_ERR
Mask Error. Microcode managed parameter. Initialize to zero at link startup.
4
STFEX
Stuff cell expected. Microcode-managed parameter. Initialize to zero at link startup.
Table 34-20. ILRCNTL Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com