Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1185 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1185 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1181Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1182Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1183Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1184Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1185Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1186Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1187Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1188Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1189Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1185 / 1386 page
background image
Inverse Multiplexing for ATM (IMA)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
34-39
34.4.5.1.3
IMA Transmit Interrupt Status (ITINTSTAT)
The fields of the ITINTSTAT register are shown in Figure 34-23.
Table 34-18 describes the ITINTSTAT bit fields.
3
LGSU
Link/group startup flag. Microcode-managed parameter. Will be set by the microcode after the
link’s transmit queue has reached target average depth of 3 cells. While this bit is cleared, the
link will transmit only filler cells. Initialize to zero at link startup.
4
TQSU
Transmit queue startup flag. Microcode-managed parameter. Will be set by the microcode after
the first cell has been sent to the transmit queue. Initialize to zero at link startup.
5
LDC
Link Due Cell - Link is due cell from round robin distribution. Microcode managed parameter
initialize to 0. Used for optional TRL Service Latency enhancement only.
6–7
—
Reserved, initialize to zero.
0
34567
Field
—
PTQO
TQO
PTQU
TQU
Figure 34-23. IMA Transmit Interrupt Status (ITINTSTAT)
Table 34-18. ITINTSTAT Field Descriptions
Bits
Name
Description
0–3
—
Reserved, initialize to zero.
4
PTQO
Persistent transmit queue overflow. Set when a transmit queue overflow occurs for two cells in
a row. Further transmit queue overflow events are masked when this bit is set, in order to avoid
a ’flood’ of interrupts. This bit can be used to distinguish a temporary overflow condition (which
could be caused by a rate differential between the TRL and non-TRL link which was out of
compensatable range), or a persistent overflow condition (which could be caused by a more
permanent condition, such as a failure of this link’s PHY device).
Initialize to zero at link startup.
5
TQO
Transmit queue overflow. Set when a transmit queue overflow occurs; cleared when a cell is
successfully transmitted. As this bit is set or cleared on a cell-by-cell basis, it may no longer be
set when software reads it if the overflow condition was only temporary. PTQO should be used
instead to distinguish between persistent or temporary underrun conditions.
6
PTQU
Persistent transmit queue underrun. Set when a transmit queue underrun occurs for two cells
in a row. Further transmit queue underrun events are masked when this bit is set, in order to
avoid a ’flood’ of interrupts. This bit can be used to distinguish a temporary underrun condition
(which could be caused by a rate differential between the TRL and non-TRL link which was out
of compensatable range), or a persistent underrun condition (which could be caused by a more
permanent condition, such as a TRL failure).
Initialize to zero at link startup.
7
TQU
Transmit queue underrun. Set when a transmit queue underrun occurs; cleared when a cell is
successfully transmitted. As this bit is set or cleared on a cell-by-cell basis, it may no longer be
set when software reads it if the underrun condition was only temporary. PTQU should be used
instead to distinguish between persistent or temporary underrun conditions.
Initialize to zero at link startup.
Table 34-17. ILTSTATE Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com