Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1183 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1183 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1179Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1180Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1181Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1182Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1183Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1184Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1185Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1186Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1187Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1183 / 1386 page
background image
Inverse Multiplexing for ATM (IMA)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
34-37
34.4.5.1.1
IMA Link Transmit Control (ILTCNTL)
The fields of the ILTCNTL register are shown in Figure 34-21.
0x03
ILID
Byte
IMA link ID. Formatted per the Cell ID and Link ID field of an ICP cell.
Bit 0: 1 (indicating ICP cell)
Bits 1-2: Not Used, set to zero
Bits 3-7: Program to software-assigned LID.
[Note: This value is only used by microcode to format ICP cells for this
link, it is not used to determine round-robin transmission order. That
function is performed by the group order table.]
0x04
ITSEC
Word
IMA transmit stuff event counter. While ILTCNTL[SES]=0, increments
each time a stuff event is performed on this link. Initialize to zero at link
startup.
0x08
ITQSP
Hword
IMA link transmit queue start pointer. This parameter forms bits 12-27
of the pointer; bits 0-11 are from IMAEXTBASE, and bits 28-31 are
zero. Refer to Section 34.4.6.1, “Transmit Queues".
0x0A
ITQEP
Hword
IMA link transmit queue end pointer. This parameter forms bits 12-27
of the pointer; bits 0-11 are from IMAEXTBASE, and bits 28-31 are
zero. Points to the last cell in the transmit queue. Program this
parameter to ITQSP+TQ_SIZE-4. Refer to Section 34.4.6.1, “Transmit
Queues".
0x0C
ITQFP
Hword
IMA link transmit queue fill pointer. This parameter forms bits 12-27 of
the pointer; bits 0-11 are from IMAEXTBASE, and bits 28-31 are zero.
Initialize this to the value of ITQSP. Refer to Section 34.4.6.1, “Transmit
Queues".
0x0E
ITQXP
Hword
IMA link transmit queue extract pointer. This parameter forms bits
12-27 of the pointer; bits 0-11 are from IMAEXTBASE, and bits 28-31
are zero. Initialize this to the value of ITQSP. Refer to Section 34.4.6.1,
“Transmit Queues“.
0x10
ITINTMSK
Byte
IMA transmit interrupt mask. Has the same format as the upper byte of
the IMA interrupt queue entry. Setting a bit enables the associated
interrupt; clearing a bit masks it.
For group-related events, only the mask register for the TRL is
referenced.
0x11
ITINTSTAT
Byte
IMA transmit interrupt status. Indicates the status of transmit interrupt
events.
0x12
LSHC
Byte
Stuff holdoff counter. Maintains the minimum five-frame spacing
between stuff events for non-TRL links. Must be initialized to zero. Set
to 4 by the microcode after a stuff event, and decrements after each
ICP cell is sent (saturating at zero). Signalling of ‘imminent stuff’ (and
subsequent stuff events) will not occur while this counter is non-zero.
1 Boldfaced entries indicate parameters that must be initialized by the user. All other parameters are
managed by the microcode and should be initialized to zero unless otherwise stated.
Table 34-15. IMA Link Transmit Table Entry (continued)1
Offset
Name
Width
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com