Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1179 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1179 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1175Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1176Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1177Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1178Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1179Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1180Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1181Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1182Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1183Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1179 / 1386 page
background image
Inverse Multiplexing for ATM (IMA)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
34-33
0x24
LINK_LD
Word
Bit array identifying which of the “added” links in this group has a
Longer propagation Delay (LD) than any of the existing links. A “1” in
the corresponding link’s bit position indicates that it has a longer
propagation delay. Microcode-managed parameter. Initialize to zero at
group startup.
0x28
CELL_COUNT
Byte
Number of cells received on the TRL while in the Group Delay Sync.
stage. Used only when IDCR-regulated cell processing is used (i.e.
IGRCTNL[IDCR]=1). Used for determining TRLR. When
CELL_COUNT = 128, TRLR is calculated and can be used for
programming IDCR timer values. Microcode-managed parameter.
Initialize to zero at group startup.
0x29
RVPHYNUM
Byte
Receive Virtual PHY number. Maps this IMA receive group to a virtual
PHY number for the purpose of address mapping of received cells.
Note that this parameter must be unique; it must not conflict with the
PHY number of any non-IMA PHYs or with the RVPHYNUM of any
other IMA group.
If there are any PHY numbers which will never be used in a system (i.e.
the actual PHY with the address does not exist), then RVPHYNUM
should be selected from one of these PHYs. If no such PHY numbers
are available (i.e. the multi-PHY interface consists of the full 31 PHYs),
then select RVPHYNUM from one of the PHY numbers of the PHYs
within this IMA group.
0x2A
STALL_THR
Byte
Stall threshold. Used to detect stalled links when performing
round-robin cell extraction from the delay compensation buffers (Dcbz).
This is the number of cells which may be received without advancing
the cell extraction pointer.
The value is application-dependent and must be tuned by the user to
the “expected worst case.” Its value depends on the depth of queues
and FIFOs in the complete transmit/receive path, and the ’burstiness’
of the behavior of the FIFOs. Assuming very bursty FIFOs, it is
approximately:
STALL_THR = 2 x RNUMLINKS x (3 + RX_FIFO)
where:
a) RNUMLINKS is the number of links in the receive group order
structure (regardless of link status).
b) RX_FIFO is the depth of the receive FIFOs of the TC layer.
c) 3 is the rounded value of the allowed transmit skew between links of
a group (2.5, per the IMA standard).
An optimal value for STALL_THR will be great enough to produce no
link stall events in normal operation, but low enough to detect a failed
link as quickly as possible.
0x2B
IRGFS
Byte
IMA Receive Group Frame Size
Bits 0-5: Reserved
Bits 6-7 - GSC_M: Value of received ICP cell Group Status Contl field
(Bits 1:0) which determine the IMA frame size. This field must be
programmed before links in the group are assigned
0x2C
—
Word
Reserved. Must be initialized to zero at group startups.
Table 34-10. IMA Group Receive Table Entry (continued)1
Offset
Name
Width
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com