Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1182 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1182 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1178Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1179Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1180Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1181Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1182Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1183Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1184Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1185Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1186Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1182 / 1386 page
background image
Inverse Multiplexing for ATM (IMA)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
34-36
Freescale Semiconductor
to the group order table not in use, and then IGRCNTL[GOTP] should be toggled. When the current
round-robin cell extraction process completes, the next process will use the new table.
This table alone defines the order of cell extraction from the delay compensation buffers. It is the
responsibility of software to read the LIDs of the links in the group from the received ICP cells during
group startup, and to program the group order table such that its order corresponds to the order of
increasing LIDs within the group.
The format of a receive group order table entry is shown in Figure 34-20.
Table 34-14 describes the format of a receive group order table entry.
34.4.5
IMA Link Tables
The IMA link tables consist of multiple IMA group structures indexed by the PHY address of their
corresponding PHYs. The transmit and receive parameters are located in separate tables. The IMA group
transmit and receive table entries are each 32 bytes long.
Note that to conserve memory space consumed by these tables, it is best to group the addresses of the
PHYs that are assigned as IMA. [For example, if out of eight total links only four are IMA, then optimally
these would be links 0 through 3.]
34.4.5.1
IMA Link Transmit Table Entry
02
3
7
Field
—
PHY ADDRESS
Figure 34-20. Receive Group Order Table Entry
Table 34-14. Receive Group Order Table Entry Field Descriptions
Bits
Name
Description
0–2
—
Reserved, initialize to zero.
3–7
PHY
ADDRESS
PHY address (up to 31 PHYs[0–30]) of the link transmitting in this position in the round-robin.
A value of 0x1F in this field indicates the end of the group order table.
Table 34-15. IMA Link Transmit Table Entry 1
Offset
Name
Width
Description
0x00
ILTCNTL
Byte
IMA link transmit control parameters.
0x01
ILTSTATE
Byte
IMA link transmit state. Microcode-managed parameter. Initialize to
zero at link startup.
0x02
LICPOS
Byte
Link ICP offset. Determines the position of the ICP cell within the IMA
frame. Program in the range 0 to M-1. See the IMA specification for
recommended methods for programming this field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com