Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1186 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1186 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1182Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1183Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1184Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1185Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1186Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1187Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1188Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1189Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1190Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1186 / 1386 page
background image
Inverse Multiplexing for ATM (IMA)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
34-40
Freescale Semiconductor
34.4.5.2
IMA Link Receive Table Entry
Table 34-19. IMA Link Receive Table Entry1
Offset
Name
Width
Description
0x00
ILRCNTL
Hword
IMA link receive control parameters.
0x02
ILRSTATE
Hword
IMA link receive state. Microcode-managed parameter. Initialize to
0x0040 at link startup.
0x04
ILID
Byte
IMA link ID. Formatted per the Cell ID and Link ID field of an ICP cell.
Bit 0: 1 (indicating ICP cell)
Bits 1-2: Program to zero
Bits 3-7: Program to validated LID for this link
[Note: This value is only used by microcode to validate incoming ICP
cells for this link, it is not used to determine round-robin transmission
order. That function is performed by the group order table.]
0x05
RMCTR
Byte
Receive M counter. Microcode-managed parameter.
0x06
LRIFSN
Byte
Receive IFSN counter. Microcode-managed parameter.
0x07
DFC
Byte
Number of frames to discard on a this link until it is caught up with the
other links in this group (long propagation delay). Microcode-managed
parameter.
0x08
DCBSP
Hword
IMA link delay compensation buffer start pointer. This parameter forms
bits 12-27 of the pointer; bits 0-11 are from IMAEXTBASE, and bits
28-31 are zero. Refer to Section 34.4.6.2, “Delay Compensation
Buffers (DCB) for more details.
0x0A
DCBEP
Hword
IMA link delay compensation buffer end pointer. This parameter forms
bits 12-27 of the pointer; bits 0-11 are from IMAEXTBASE, and bits
28-31 are zero. Refer to Section 34.4.6.2, “Delay Compensation
Buffers (DCB),” for more details.
0x0C
DCBFP
Hword
IMA link delay compensation buffer fill pointer. Microcode-managed
parameter. This parameter forms bits 12-27 of the pointer; bits 0-11 are
from IMAEXTBASE, and bits 28-31 are zero.
Initialize to DCBSP at link startup.
0x0E
DCBRP
Hword
IMA link delay compensation buffer read pointer. Only used during
group delay synchronization and link addition. Microcode-managed
parameter. This parameter forms bits 12-27 of the pointer; bits 0-11 are
from IMAEXTBASE, and bits 28-31 are zero.
0x10
RICPCH
Hword
Receive ICP channel number. ATM receive channel number to which
received ICP cells are sent.
0x12
IRINTMSK
Byte
IMA receive interrupt mask. Has the same format as the IMA interrupt
queue entry.; however, only receive-related bits are relevant. Setting a
bit enables the associated interrupt; clearing a bit masks it.
For group-related events, only the mask register for the TRL is
referenced.
0x13
LICPOS
Byte
Link ICP offset. Program to the ICP offset validated for this link.
0x14
IRSEC
Word
IMA receive stuff event counter. Increments each time a stuff event is
received on this ink. Initialize to zero at link startup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com