Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1190 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1190 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1186Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1187Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1188Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1189Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1190Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1191Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1192Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1193Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1194Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1190 / 1386 page
background image
Inverse Multiplexing for ATM (IMA)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
34-44
Freescale Semiconductor
34.4.6.1
Transmit Queues
Transmit queues are allocated on a per-link basis. They are circular queues of 64-byte buffers, defined by
their start and end pointers. For the transmit queue of the timing reference link (TRL), the queue must
consist of a minimum of four buffers (although it may consist of five buffers, if consistency of data
structures is desired). For the transmit queues of non-TRL links, the queues must consist of five buffers.
Queue fill and extract pointers must be initialized by software to the start of the queue; thereafter, these
pointers are managed by the microcode. The queue pointers must be on a 64-byte aligned boundary.
Figure 34-26. IMA Transmit Queue
34.4.6.2
Delay Compensation Buffers (DCB)
Cells received on a link are initially stored in a delay compensation buffer (DCB). DCBs are allocated on
a per-link basis. They are of user-definable length, thereby providing a programmable maximum
synchronizable delay. Note that DCBs of links within a group must all have the same size.
DCBs consist of a circular queue of 64-byte cell buffers. These cell buffers contain the received cell
followed by 12 bytes of header/status information.
Figure 34-27. Cell Buffer in Delay Compensation Buffer
The length of a DCB is defined by the link’s DCBSP and DCBEP parameters. The length of the DCB
(defined by (DCBEP-DCBSP) x 16) must be an integer multiple of the IMA frame length in bytes, M x 64.
Furthermore, the DCBSP must be aligned on a M x 64-byte boundary. For example, if M = 64, then DCBSP
must be on a 4KB boundary. To ensure group delay synchronization, the minimum length of the DCB
should be 2(Mx64).
IMA External Structure Region
Transmit
IMAEXTBASE
Queue
ITQSP
bits 0-11
bits 12-27
0000
bits 28-31
IMAEXTBASE
ITQEP
0000
IMAEXTBASE
64-byte boundary
ITQSP + TQ_SIZE - 4
64 bytes
12 bytes HEADER/STATUS
52 bytes RX CELL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com