Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1194 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1194 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1190Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1191Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1192Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1193Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1194Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1195Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1196Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1197Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1198Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1194 / 1386 page
background image
Inverse Multiplexing for ATM (IMA)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
34-48
Freescale Semiconductor
34.4.8.2.2
Programming the FCC Parameter Shadow
All of the user-defined or user-initialized FCC parameters of the FCC should be copied from the FCC
parameter page to the shadow page. The following parameters are exceptions:
•
RCELL_TMP_BASE of the shadow page must differ from RCELL_TMP_BASE of the FCC
parameter page. This RCELL_TMP_BASE must point to a separate temporary cell storage area
similar to that reserved on the FCC parameter page.
•
Either:
— (1) INTT_BASE of the shadow page must differ from the INTT_BASE of the FCC parameter
page, and along with it separate interrupt parameters and queues.
— OR (2) INTT_BASE of the shadow page and FCC parameter page may be the same and
therefore share common structures, but (a) receive interrupts for the data channels associated
with non-IMA links, data channels associated with non-IDCR IMA links, and ICP channels for
group-unassigned IMA links must be directed to one dedicated interrupt queue, and (b) receive
interrupts for the data channels of group-assigned IMA links using IDCR must be directed to
another dedicated interrupt queue.
•
COMM_INFO on the shadow page is unused. ATM commands issued will use the COMM_INFO
fields on the FCC parameter page.
•
INT_RCT_BASE and EXT_RCT_BASE should be the same for both the shadow page and the
FCC parameter page. However, (a) received data from data channels associated with non-IMA
links, received data from data channels associated with non-IDCR IMA links, and received ICP
cells from group-unassigned IMA links, and (b) received data and ICP cells from group-assigned
IMA links using IDCR must never target the same receive queues. This would not normally be
done anyway; however, if it was done, it would result in erratic operation.
34.4.8.2.3
On-the-Fly Changes of FCC Parameters
In general, the FCC parameters should not require changes when the FCC is operating. In the event that
on-the-fly changes of FCC parameters is performed, those changes should be made one-by-one first in the
parameters of the shadow area, followed by the same change in the FCC parameter area.
Table 34-24. Unavailable Features when DREQ
x used as IDCR Master Clock
IDCR Master Clock DPRAM Page
MPC8280 Features Not Available
DREQ1
8
MCC1, SMC1, and IDMA1 are unavailable.
DREQ2
9
MCC2, SMC2, and IDMA2
DREQ3
10
SPI and IDMA3
DREQ4
11
RISC Timers, Microcode Rev Num, Random Number Generator
function and IDMA4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com