Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1195 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1195 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1191Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1192Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1193Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1194Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1195Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1196Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1197Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1198Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1199Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1195 / 1386 page
background image
Inverse Multiplexing for ATM (IMA)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
34-49
34.4.8.3
IDCR_Init Command
The IDCR_Init command is a host command issued to the CPCR (refer to Section 14.4.1, “CP Command
Register (CPCR)”). This command selects and configures the IDMA request which will be used for the
IDMA master clock. Any of the IDMA channels may be selected for this function.
The format of the command is as follows:
•
SBC = [per the selected IDMA channel]
•
OPCODE = 0x00
•
PAGE = [per the selected IDMA channel]
34.4.8.4
IDCR Root Parameters
The following IDCR parameters are added to the IMA root table only when IDCR is used.
34.4.8.5
IDCR Table Entry
A table entry of the format provided below must be provided for any IMA group for which IDCR recovery
is performed. Table entries in the IDCR table are indexed by the group number of the associated group.
The table entry must be initialized before the associated bit is set in IDCREN.
Table 34-25. IDCR IMA Root Parameters1
1 Boldfaced entries indicate parameters that must be initialized by the user. All other parameters are
managed by the microcode and should be initialized to zero unless otherwise stated.
Offset
Name
Width
Description
0x60
IDCR_BASE
Hword
IDCR table base. Offset of the IDCR table in DPRAM. Must be 8-byte
aligned.
0x62
IDCRTICK
Hword
IDCR global tick counter. Initialize to zero.
0x64
IDCREN
Byte
IDCR enable array. Each bit (0-7) enables/disables the IDCR timer for
the associated IMA group. Initialize to zero at FCC initialization.
0 The IDCR for the associated group is disabled.
1 The IDCR for the associated group is enabled.
0x65
IDCR_LAST
Byte
Group number of last enabled IDCR timer.
0x66
IDCR_SVC
Byte
IDCR timer currently being serviced. Microcode-managed parameter.
Initialize to zero.
Table 34-26. IDCR Table Entry
Offset
Name
Width
Description
0x00
IDCRCNT
Hword
IDCR count. Holds the count of the IDCR timer for this IMA group.
Decremented once for each IDCR master clock tick.
Initialize to IDCRREQ.
0x02
IDCRCNTF
Hword
IDCR count fraction. Holds the fractional portion of the count of the
IDCR timer for this IMA group.
Initialize to IDCRREQF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com