Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1192 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1192 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1188Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1189Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1190Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1191Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1192Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1193Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1194Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1195Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1196Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1192 / 1386 page
background image
Inverse Multiplexing for ATM (IMA)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
34-46
Freescale Semiconductor
34.4.7.2
ICP Cell Reception Exceptions
ICP cells are received as AAL0 in the channel defined in RICPCH. Receive interrupts are provided for this
channel if enabled in its associated RCT.
Table 34-23. IMA Interrupt Queue Entry Field Descriptions
Offset
Bits
Name
Description
Offset + 0 0
V
Valid interrupt entry.
0 This interrupt queue entry is free and can be used by the CP.
1 This interrupt queue entry is valid. The host should read this interrupt and clear this bit.
1—
Reserved.
2
W
Wrap bit.When set, this is the last interrupt circular table entry. During initialization, the
host must clear all W bits in the table except the last one, which must be set.
3–4
—
Reserved
5—
Reserved
6
TQU
Transmit queue underrun. Indicates that the corresponding PHY for this link requested a
cell for transmission, but the transmit queue was empty.
7
TQO
Transmit queue overflow. Indicates that the TRL attempted to send a cell to this link’s
transmit queue, but no space was available.
8—
Reserved
9
DSL
DCB synchronization lost. This interrupt is issued when a link in a group with
IGRSTATE[GDSS] = 11 loses synchronization, and the link enters HUNT state at the
IFSM.
10
LS
Link stalled. A link in the round-robin cell extraction process has excessively stalled and
been deactivated (i.e. switched to filler mode by the microcode).
11
DCBO Link out of delay synchronization. Set when the link’s DCB overflows, indicating that delay
synchronization for this link is not possible.
12
LDS
Link delay synchronized. Set when delay synchronization is achieved for a link that has
been added to an existing group.
13
GDS
Group delay synchronized. Set when a group achieves delay synchronization as part of
the group startup procedure.
14
IFSD
IMA frame synchronization status = defect. Set when the associated link goes into the
Loss of IMA Frame Defect state of the Error/Maintenance State Machine.
15
IFSW
IMA frame synchronization status = working. Set when the associated link goes into the
IMA Working state of the Error/Maintenance State Machine.
Offset + 2 0
L/G
Link/group indicator. Indicates whether this interrupt is associated with a link or a group,
and thus if the NUM field is a link number or group number.
0 This interrupt is associated with a link.
1 This interrupt is associated with a group.
1–15
NUM
Link or group number associated with this interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com