Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1189 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1189 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1185Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1186Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1187Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1188Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1189Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1190Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1191Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1192Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1193Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1189 / 1386 page
background image
Inverse Multiplexing for ATM (IMA)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
34-43
1Enable these parameters to their default values during IMA initialization to avoid spurious IMA exceptions in the IMA interrupt
queues.
34.4.5.3
IMA Link Receive Statistics Table
The IMA link receive statistics table is optional. It is enabled globally for this FCC via IMACNTL[IRSE].
The base of this table is determined by IRLINKSTAT. Entries in the table are indexed by the link number
of the associated link. The format for the IMA link receive statistic table entries is shown in Table 34-22
34.4.6
Structures in External Memory
The IMA microcode requires supporting queue structures in external memory. These are used for the jitter
buffers (on transmission) and the delay compensation buffers (on reception). These structures reside in a
1 megabyte memory region defined by IMAEXTBASE, and may reside on either the 60x bus or the local
bus, as defined by IMACNTL[DSB].
5
SU
Start Up. Microcode-managed parameter. Initialize to zero at link startup.
6
CHK_NXT
Check Next. Microcode-managed parameter. Initialize to zero at link startup.
7
DATA_ERR
Data Error - Parity/CRC. Microcode-managed parameter. Initialize to zero at link
startup.
8
ICP_CELL
Current Cell is an ICP Cell. Microcode-managed parameter. Initialize to zero at link
startup.
9–10
FSES1
Frame Synchronization Error State. Microcode-managed parameter. Initialize to 10 at
link startup.
00 IMA working.
01 Out-of-IMA frame anomaly.
1x Loss-of-IMA frame defect.
11
SYNC_DEFECT
Synchronization Defect. Microcode-managed parameter. Initialize to zero at link
startup.
12
STFIP
Stuff In-Progress flag. Microcode-managed parameter. Initialize to zero at link startup.
13
DL
Dropped link. Microcode-managed parameter. Initialize to zero at link startup.
14–15
—
Reserved, initialize to zero.
Table 34-22. IMA Link Receive Statistics Table Entry
Offset
Name
Width
Description
0x00
ICPVIOL
Word
IMA receive ICP violation event counter. While ILRCNTL[SES]=0,
increments each time an errored, invalid, or missing ICP cell is received
on this link. Initialize to zero at link startup.
0x04
OIF
Word
Out-of-IMA frame counter. While ILRCNTL[SES]=0, increments each
time an Out-of-IMA Frame anomaly occurs on this link. Initialize to zero
at link startup.
Table 34-21. ILRSTATE Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com