Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1193 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1193 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1189Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1190Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1191Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1192Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1193Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1194Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1195Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1196Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1197Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1193 / 1386 page
background image
Inverse Multiplexing for ATM (IMA)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
34-47
34.4.8
IDCR Timer Programming
Programming of the IDCR timer data structures is optional. It is only required if any of the IMA groups
use IDCR-regulated cell processing.
Only one IDCR master clock per FCC is supported; the IDCR timers for the individual groups are derived
from the IDCR master clock. Each IDCR timer has an associated IDCR table entry, indexed by the IMA
group number.
34.4.8.1
IDCR Master Clock
The signal normally used for DMA request for a selected IDMA channel is instead used to provide the
clock signal for the IDCR master clock. This signal must be provided on the external DREQx signal, either
by using an external clock source or by externally connecting one of the baud rate generator (BRG) outputs
to the signal.
The IDCR master clock is enabled by configuring the DREQx pin and supplying the external clock signal.
The IDCR master clock is disabled by either (1) turning the clock signal off, or (2) changing the
configuration of DREQx to be an alternate function or general-purpose I/O. The IDCR_Init command
must be issued before enabling the IDCR master clock.
A higher IDCR master clock frequency provides greater resolution in determining and reconstructing the
IDCR. However, an IDCR master clock frequency that is too high will consume too much CPM processing
power and will hinder the function of the MPC8280. Therefore, the period of the IDCR master clock
should be no less than (number of IMA receive groups) x (500 CPM clocks).
The DONEx and DACKx signals of the IDMA channel are not used. Their I/O ports must be programmed
to an alternate function or to general-purpose I/O.
RCCR[DRxM] should be programmed to edge-sensitive for the DREQx signal functioning as the IDCR
master clock.
34.4.8.2
IDCR FCC Parameter Shadow
The FCC parameters (including IMAROOT) for the FCC associated with the IDCR master clock must be
copied onto the parameter RAM page for that IDCR master clock. For example, if DREQ1 serves as the
IDCR master clock signal for FCC2, then the FCC parameters for FCC2 (at offset 0x8500) must be copied
to parameter page 8 (at offset 0x8700).
34.4.8.2.1
MPC8280 Features Unavailable if IDCR is Used
Since their parameter RAM space is used as FCC parameter shadow space, other MPC8280 features
associated with this parameter RAM space will not be available. Selection of the IDCR clock signal must
be made with this in mind.
Table 34-24 summarizes the MPC8280 features that share IDMA parameter space which will not be
available if DREQx is used as IDCR master clock,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com