Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1199 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1199 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1195Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1196Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1197Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1198Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1199Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1200Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1201Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1202Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1203Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1199 / 1386 page
background image
Inverse Multiplexing for ATM (IMA)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
34-53
34.4.10 Changing IMA Version
A new CPCR command has been added to the IMA microcode to change the IMA version on-the-fly
without software intervention. Use the following procedure:
1. Before issuing the command, the user should initialize the COMM_INFO fields in the parameter
RAM as described in Figure 34-31.
2. To issue this FCC command, refer to Section 14.4, “Command Set.” Use opcode 1110(0xD).
m
m
3. Wait for the CPCR[FLG] to be cleared by the CPM before issuing a new CP command. Refer to
Section 14.4, “Command Set.”
34.5
IMA Software Interface and Requirements
34.5.1
Software Model
The IMA microcode facilitates the implementation of the lower levels of an IMA system. Host software
(from here on, “host software” is code running on the G2_LE core) is responsible for initializing MPC8280
IMA data structures, establishing and tearing down connections, handling of alarms, keeping statistics, and
controlling protocol state machines. The IMA microcode interfaces to the software-implemented (layer
management and plane management) functions by providing received ICP cells and by interrupts. The
software-implemented functions control the microcode and the system via the IMA root, group, and link
parameters and by providing an ICP cell template to the microcode for ICP cell transmission.
08
9
11
12
15
0x86
—
ITG
—
0x88
Filler CRC
0x8A
—
IV
Figure 34-31. COMM_INFO Field
Table 34-29. COMM_INFO Field Descriptions
Offset
Bits
Name
Description
0x86
0–8
—
Reserved, should be cleared.
9–11
ITG
IMA transmit group. Program to the IMA group number [0–7] multiplied by 16 bytes. For
example, if the IMA group number = 3, program ITG to 0x30.
12–15 —
Reserved, should be cleared.
0x88
0–15
Filler CRC Filler cell CRC. Set to 0xC602 (for IMA version 1.0) or 0xD902 (for IMA version 1.1)
0x8A
0–13
—
Reserved, should be cleared.
14–15 IV
IMA version
00 Reserved
01 IMA version 1.0
10 Reserved
11 IMA version 1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com