Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1203 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1203 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1199Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1200Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1201Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1202Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1203Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1204Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1205Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1206Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1207Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1203 / 1386 page
background image
Inverse Multiplexing for ATM (IMA)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
34-57
34.5.3.11 Test Pattern Control
•
Initiate transmit test patterns in the group’s transmit ICP cells (via TXTC and TXTP), and monitor
response in the receive ICP cells of the associated receive group
•
Respond to test patterns by:
— Recognizing test pattern activity in the received ICP cells
— Locating the Tx Test Pattern field in the ICP cell of the test link. (Because the SCCI field
changes as part of the test pattern generation by the far end, the cell will necessarily be among
the received ICP cells. Locate the latest ICP cell with a LID matching the Tx LID of the test
link).
— Signalling back via the transmit ICP cells of the associated transmit group, by modifying the
transmit ICP cell template appropriately
34.5.3.12 Performance Parameter Measurement and Reporting
•
Establish timers to correlate errors with time intervals (e.g. to determine severely errorred seconds
(SES) or unusable seconds (UUS))
•
Maintain statistics
•
Enable/disable receive and transmit event counters according to severely errorred seconds (SES)
condition via ILRCNTL[SES] and ILTCNTL[SES]
34.5.3.13 SNMP MIBs
Control interface and statistics information should be provided per the SNMP MIB definition for IMA.
34.5.4
IMA Software Procedures
The following procedures must be followed in order to assure the synchronization of changes between the
link state machines and the group state machine. Issues to be considered are order of changes to the ICP
cell and pointer, group order structure and pointer, IMA PHY assignment structure, and group/link Tx
control fields.
34.5.4.1
Transmit ICP Cell Signalling
1. Copy the transmit ICP cell template currently in use (as indicated by TICPPTR) to the ICP cell
template area not in use.
2. In the new template, change the ICP cell template fields as appropriate.
3. Verify that the IGTCNTL[ICPC] equals IGTSTATE[ICPCA]. If not, wait until it does.
4. Change TICPPTR to point to the “changed/altered” (see step 1) ICP cell template.
5. Toggle IGTCNTL[ICPC].
34.5.4.2
Receive Link Start-up Procedure
Before “activation” of links and group can take place, ICP cells must be received and processed by the
management software. Software must configure all IMA links to “group unassigned” mode. Reception



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com