Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1207 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1207 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1203Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1204Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1205Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1206Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1207Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1208Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1209Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1210Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1211Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1207 / 1386 page
background image
Inverse Multiplexing for ATM (IMA)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
34-61
34.5.4.4.1
Rx Steps
1. Reset all RX parameters in the new link table entry to zero.
2. Assign corresponding group number for the new link: ILRCNTL[IGNUM] = x.
3. Assign channel number for ICP cell reception: RICPCH = x.
4. Enable desired interrupts: IRINTMSK = x
5. Allow for the reception of ICP cells during the IFSM stage: ILRCNTL[MON_ICP] = 1.
6. Indicate that this link has not yet been assigned to a group: ILRCNTL[GA] = 0.
7. Configure this link/PHY as an IMA link in the IMA Root Table by setting the corresponding bit in
IMAPHY. See Table 34-3.
8. Enable the corresponding link/PHY in the IMA Root Table by setting the corresponding bit in
RXPHYEN. See Table 34-3.
9. Software receives and accepts ICP cell values (e.g. M, LID, etc.).
10. Program expected LID: ILID = x
11. Program the expected ICP offset: LICPOS = x
12. Initialize the DCB pointers accordingly: DCBEP, DCBSP, DCBFP. Note, it is recommended that
the DCB be initialized to zero.
13. Configure link to “Loss of IMA Frame” state: ILRSTATE[FSES] = 2.
14. Start the IMA Frame Synchronization Mechanism (IFSM) by assigning this link to the group:
ILRCNTL[GA] = 1.
15. Software must now wait for the IFSW (IMA Frame Synchronization Working) event/exception.
16. Now that we have a “frame” synchronized link, we can proceed to allow the link to be “delay”
synchronized. Indicate that this is a new link (GDS/reconstruction function) by inverting the
current “add-new” bit value: ILRCNTL[ADD_NEW] = x.
17. Formulate new group order table with the new link included (see Section 34.4.4.2.4, “Receive
Group Order Tables”).
18. Use the new group order table by inverting the current GOTP value: IGRCNTL[GOTP] = x.
19. The “Stall Threshold” needs to be recalculated. This parameter defines the acceptable tolerance to
an emptied DCB condition (stalled link, see LS exception). The recommended new value is:
STALL_THR = 2 x RNUMLINKS x (3 + RX_FIFO). See Section 34.4.4.2, “IMA Group Receive
Table Entry”: IGRTE[STALL_THR] = x.
20. Start the delay compensation process for this link (in IMA Root Table) by setting the corresponding
bit in REF_LINK. See Table 34-3.
21. Software must now wait for the link delay synchronization process to complete. A LDS (Link
Delay Synchronized) exception will be generated by the MPC8280 as soon as this happens.
22. It is now safe for the link to receive data, set link to “active” mode: ILRCNTL[RXSC] = 1.
34.5.4.4.2
TX Parameters
1. Reset all TX parameters in the new link table entry to zero.
2. Assign corresponding group number for the new link: ILTCNTL[IGNUM] = x.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com