Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1211 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1211 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1207Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1208Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1209Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1210Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1211Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1212Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1213Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1214Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1215Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1211 / 1386 page
background image
Inverse Multiplexing for ATM (IMA)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
34-65
34.5.4.9
Transmit Event Response Procedures
The following TX events may take place when operating in IMA mode. It is recommended that all events
be handled via an “exception/interrupt service routine” (ISR) as the response time inherent with interrupt
driven events should diminish the negative impact/propagation of such events:
1. TQU (Transmit Queue Underrun)—Indicates that a transmit queue was emptied. This implies that
the offending link (PHY) is requesting cells at a faster rate relative to the TRL. If the TRL is out of
spec, then you will see multiple links reporting TQUs (because all links in the group will be faster
relative to the TRL). The offending link should be removed (see Section 34.5.4.5, “Link Removal
Procedure”), check the following: PHY, TX Queue depth (start and end pointers should not be the
same), TNUMLINKS is equal (not less or greater) than the number of active links.
2. TQO (Transmit Queue Overflow)—Indicates that a transmit queue was not ready to receive a cell
(full). This implies that the offending link (PHY) is requesting cells at a slower rate relative to the
TRL. If the TRL is out of spec, then you will see multiple links reporting TQOs (because all links
in the group will be slower relative to the TRL). The offending link should be removed (see
Section 34.5.4.5, “Link Removal Procedure”), check the following: PHY, TX Queue depth (depth
should be the same as other queues), TNUMLINKS is equal (not less or greater) than the number
of active links.
34.5.4.10 Receive Event Response Procedures
The following RX events may take place when operating in IMA mode. It is recommended that all events
be handled via an “exception/interrupt service routine” (ISR) as the response time inherent with interrupt
driven events should diminish the negative impact/propagation of such events:
1. LS (Link Stalled)—The link’s DCB has emptied, either because the PHY is no longer functioning
or it is relatively slower than the other links. The offending link should be removed (see
Section 34.5.4.5, “Link Removal Procedure”). Make sure the DCB start and end pointers are not
the same. If only one link is used in a group the software must monitor the TC layer to detect that
this link has stalled. No LS event is reported in the IMA interrupt queue. To re-start an IMA group
properly after link(s) have recovered, the user must reset all the microcode-managed parameters in
the IMA receive group to zero.
2. DCBO (DCB Overflow)—Indicates that the Delay Compensation Buffer has no more space. The
source of the problem can be varied: 1) the offending PHY is sending at a faster rate (out of spec.),
2) the propagation delay of one of the other links in the group is greater than anticipated (need to
make DCB larger) or, 3) the size of the offending link was programmed incorrectly, i.e., smaller
(the size of all DCBs in the group should be the same). The offending link should be removed (see
Section 34.5.4.5, “Link Removal Procedure”). This exception corresponds to the LODS (Link Out
of Delay Synchronization Defect) and should be reported to the FE (via the ICP cell, RxDefect =
LODS) of the problem. The MPC8280 will continue to report this exception if the condition
persists (unless the event is masked).
3. LDS (Link Delay Synchronized)—Indicates that the new/added link (to an existing group) has
achieved synchronization (link delay). The link is capable of receiving data at this point, (see
Section 34.5.4.4, “Link Addition Procedure”).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com