Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1212 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1212 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1208Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1209Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1210Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1211Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1212Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1213Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1214Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1215Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1216Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1212 / 1386 page
background image
Inverse Multiplexing for ATM (IMA)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
34-66
Freescale Semiconductor
4. GDS (Group Delay Synchronized)—Group delay synchronized achieved or group delay
synchronized not achieved. In some cases, it is not possible for the GDS to complete. GDS can not
complete if a link experiences problems during the GDS process - for example losing SYNC state
for the IFSM. If this occurs, it is not possible to determine the links true differential delay with
respect to other member links of the group. In order to determine if the GDS process completed
successfully, the ucode will set IGRSTATE[GDSS] to either of the following values after the GDS
interrupt has been generated:
— IGRSTATE[GDSS] = 00 - GDS process failed, a link lost IFSM SYNC during GDS process
— IGRSTATE[GDSS] = 11 - GDS process completed
Software can then read IGRSTATE[GDSS] and use this status information before deciding whether
to change the links to the active state or to try and resynchronize again at the group level. In
addition to the above status information, the ILRSTATE[ADD_NEW_M] bit of the link that caused
the failure of the GDS process will be flipped such that it is logically inverted with respect to the
ILRCNTL[ADD_NEW] bit. It is recommended however, that software, after GDS failure and
when restarting the GDS process, changes all of the links in the group to the group unassigned state
and then update the link and group parameters to their default values before starting the GDS
process again. Note that a link losing SYNC during the GDS process can cause DCBO interrupt
for other links in the group. If this situation occurs, the GDS process should be restarted as
described above.
5. IFSD (Link (IMA) Frame Synchronization Defect)—Indicates that the link has lost
synchronization (e.g., unexpected IFSN value for a number (GAMMA + 2) of consecutive frames).
If this condition persists, the link should be removed. The threshold that would trigger the removal
of the link is system specific. The IFSD event corresponds to the “Loss of IMA Frame” (LIF) state
and the software should react to this by informing the FE (via the ICP cell, RxDefect = LIF) of the
problem. If the condition persists, IFSD events will continue to be generated every GAMMA+2
frames. The MPC8280 maintains counters (if enabled) to track the overall “quality” of a particular
link: see OIF (Out of IMA Frame) and ICPVIOL (ICP Violation) in Section 34.4.5.3, “IMA Link
Receive Statistics Table.” If the link returns to working state, the MPC8280 will automatically
perform Link Delay Synchronization and generate an LDS event upon achieving synchronization.
The software can use one of the MPC8280 timers as a time stamp when handling IFSD events and
check if the “persistence” time threshold has been crossed when subsequent events take place. The
LIF state time stamp should be reset when the IFSW event is reported.
6. IFSW (Link (IMA) Frame Synchronization Working)—Indicates that the link is has achieved
frame synchronization. This event is reported when a link has been assigned to a group (start-up or
link addition) or it was previously assigned and working, but had a defect (see IFSD event). If
going from defect to working, the software should update the RxDefect field of the ICP. Again, a
time stamp (timer) can be used to measure the “persistence” time.
7. DSL (DCB Synchronization Lost)—Indicates that a link in a group with IGRSTATE[GDSS] = 11
loses synchronization and enters the HUNT state at the IFSM. When this interrupt occurs, the link
should be removed by software, and the CPM will no longer perform the automatic LASR
procedure. Note that when the interrupt is generated, the ILRSTATE[DL] bit is set, and the
software should clear the IMA group and link receive state information as described above for the
GDS interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com