Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1213 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1213 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1209Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1210Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1211Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1212Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1213Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1214Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1215Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1216Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1217Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1213 / 1386 page
background image
Inverse Multiplexing for ATM (IMA)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
34-67
34.5.4.11 Test Pattern Procedure
Test patterns are used verify “connectivity” of a link in a particular group. The NE will request, via an ICP
cell, that a test pattern be looped back to the FE over all links currently in the group. For this test, the FE
will look only at ICP cells received over the link being tested (LID = x) and upon receiving an ICP cell
“echo” the pattern back to the NE over all the links in the group. The major task of initiating and verifying
the pattern on all the links in the group falls on the software. The MPC8280 will simply transmit and
receive the modified/changed ICP cells. If the software detects that the pattern was “echoed” by the FE,
then connectivity is verified.
34.5.4.11.1
As Initiator (NE)
Alter the (unused) ICP cell template to the “Test Link” command to the FE:
1. Tx Test Control = Set to “Active” and select LID (link) to be tested.
2. Tx Pattern = X (0-255).
3. Increment SCCI.
4. Make this the active ICP template (see Section 34.5.4.1, “Transmit ICP Cell Signalling”).
5. Repeat steps 1-4 until expected pattern is received in any of the incoming ICP cells (alternate ICP
templates must be used).
After sending the request to perform the test (pattern) to the FE, the NE software must wait for the TX test
pattern to be echoed back/received in the RX Pattern field of the ICP cell (any of the active links in the
group can be monitored for the RX Pattern). After verifying connectivity, the test can be de-activated (set
Tx Test Control = “Inactive” and repeat steps 3 and 4 above).
34.5.4.11.2
As Responder (FE)
When the FE receives a request to perform the “pattern” test on any of the active links, it must monitor the
selected link (see Tx LID of Tx Test Control) for reception of an ICP cell. Upon receiving an ICP cell
(remember, the other end is incrementing the SCCI field), the software should copy the Tx Pattern to the
Rx Pattern field of the ICP Cell and transmit the ICP cell. Alter the ICP cell:
1. Rx Pattern = Tx Pattern (of received ICP Cell).
2. Increment SCCI
3. Make this the active ICP template (see Section 34.5.4.1, “Transmit ICP Cell Signalling”).
4. Repeat steps 1-3 until the test is inactive.
There are two ways to monitor the link under test. The first method is to simply look for the expected LID
in the received ICP cells (ICP cell buffer). For this to happen, all links in the group must have MON_ICP
bit set:
1.
Monitor link for changes in SCCI: ILRCNTL[MON_ICP] = 1.
Now, since changed ICP cells are passed to the ICP buffer only when the SCCI field changes, then it may
take some time for the link under test to pass on an ICP cell. Again, ICP cells will be passed on to the buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com