Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1215 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1215 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1211Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1212Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1213Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1214Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1215Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1216Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1217Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1218Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1219Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1215 / 1386 page
background image
Inverse Multiplexing for ATM (IMA)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
34-69
9. Program to appropriate rate and enable timer if using a BRG (refer to Chapter 17, “Baud-Rate
Generators (BRGs)”): TMRx, TRRx, and TGCRx. Note: This is only required if the IDCR clock
is supplied by the MPC8280. If an external source is used, this step can be skipped. An external
connection (physical) is required between the output of the BRG (TOUTx) and DREQx (see step
7 above).
10. Enable IDMAx interrupts (refer to Section 19.8.4, “IDMA Event Register (IDSR) and Mask
Register (IDMR)”).
11. Clear IDCR table entries (reset to zero).
12. Issue the IDCR Initialization command (see Section 34.4.8.3, “IDCR_Init Command”). After this
point, the IDCR mechanism can be used.
34.5.4.12.2
Activating a Group in IDCR Mode
The following steps are required when activating a group in IDCR mode.
1. Configure the corresponding group to operate in IDCR mode: IGRCNTL[IDCR] = 1.
2. Indicate which is the last group that has IDCR enabled. Groups are numbered 0-7.
As additional
groups are created/added or removed, this field must also be modified accordingly with the group
number of the last group (in the order of 0-7) that has IDCR enabled. For example, lets say groups
0 and 1 are active and group 2 is being added. Then IMAROOT[IDCR_LAST] = 2.
3. After GDS has been achieved, the software can now read the captured TRLR value (see
IGRTE[TRLR]). At this point, the group’s corresponding IDCR Table Entry can be programmed.
IDCRCNT and IDCRREQ are both initialized to the integer part of: ((TRLR/(num_links x 128)) x
(2048/2049)). IDCRCNTF and IDCRREQF are both initialized to the fraction value of the
previous equation times 65536. For example, lets say ((TRLR/(num_links x 128)) x (2048/2049))
yielded 10.45, then IDCRCNT and IDCRREQ would equal 10. IDCRCNTF and IDCRREQF
would then be set to (.45 x 65536) = 29491 (0x7333).
4. Once the IDCR Table has been programmed, IDCR driven stream reconstruction for this group can
start: IMAROOT[IDCREN] |= x. The corresponding bit must be cleared if this group is being
deactivated/removed from a multi-group configuration.
34.5.4.13 End-to-End Channel Signalling Procedure
34.5.4.13.1
Transmit
The end-to-end channel signalling field can be used by software to signal to the far end. Because the
end-to-end channel is not covered by the SCCI field and there are no standard requirements for the
minimum number of frames between changes of the end-to-end channel field, it is not necessary to follow
the procedure for ICP cell signalling in order to do this; instead, the end-to-end channel field of the ICP
template currently in use can be directly updated. However, if a minimum number of frames between
changes is desired, then the procedure for ICP cell signalling can be used, skipping the step in which the
SCCI is updated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com