Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1219 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1219 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1215Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1216Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1217Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1218Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1219Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1220Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1221Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1222Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1223Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1219 / 1386 page
background image
ATM Transmission Convergence Layer
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
35-3
•
Overrun (Rx cell FIFO) and underrun (Tx cell FIFO) condition produces maskable interrupt
•
May be operated at E1 and DS-1 rates. In addition, xDSL applications at bit rates up to 10 Mbps
are supported.
35.2
Functionality
The TC layer block is shown in Figure 35-2. The transmit and the receive parts are independent; the only
case in which they are synchronized is in cell echo mode.
Figure 35-2. TC Layer Block Diagram
35.2.1
Receive ATM Cell Functions
The ATM receive cell functions block (RCF) performs the receive functions of the TC block. It performs
cell delineation, cell payload descrambling, HEC verification and correction, and idle/unassigned cell
filtering.
Cell delineation is the process of framing data to ATM cell boundaries using the header error check (HEC)
received in the ATM cell header. The HEC is a CRC-8 calculation over the first four octets of the ATM
SI
MPC8280
TC Layer
PHY
Rx Cell
Functions
• cell delineation
• descrambling
• coset
• HEC error
correction
Tx UTOPIA I/F
Rx UTOPIA I/F
(PHY)
(PHY)
Tx Serial I/F
Rx Serial I/F
Counters
Registers
FCC2
one channel
Rx
Tx
60x Bus
UTOPIA
Rx I/F
UTOPIA
Tx I/F
M-PHY
M-PHY
detection and
Rx FIFO
Tx FIFO
Tx Cell
Functions
• HEC generation
• scrambling
• coset
• rate adaptation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com