Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1221 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1221 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1217Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1218Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1219Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1220Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1221Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1222Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1223Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1224Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1225Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1221 / 1386 page
background image
ATM Transmission Convergence Layer
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
35-5
When the cell delineation state machine is in the SYNCH state, the HEC verification state machine
(see Figure 35-4) implements the correction algorithm. This state machine makes sure that a single cell
header is corrected at a time. If consecutive cells are detected with single bit errors in their headers, only
the first cell error is corrected and the rest are discarded. This state machine reduces the probability of the
delivery of cells with errored headers under bursty error conditions.
Figure 35-4. HEC: Receiver Modes of Operation
The RCF can also perform idle/unassigned cell filtering. Both features are programmable
(TCMODE[CF]). Cells that are detected to be idle/unassigned are discarded, that is, not forwarded to the
UTOPIA interface Rx FIFO.
35.2.1.1
Receive ATM 2-Cell FIFO
The receive FIFO provides FIFO management and an interface to the UTOPIA receive cell interface. The
receive FIFO can hold two ATM cells, thereby providing the cell rate decoupling function between the
transmission system physical layer and the ATM layer.
FIFO management includes filling the FIFO, indicating to the UTOPIA interface that it contains cells,
maintaining the FIFO read and write pointers, and detecting FIFO overrun (TCER[OR]) conditions.
35.2.2
Transmit ATM Cell Functions
The transmit ATM cell functions block (TCF) performs the ATM cell payload scrambling and is
responsible for the HEC generation and the idle cell generation.
The TCF scrambles (programmable by the user) the cell payload using the self-synchronizing scrambler
with polynomial x43 + 1.
The HEC is generated using the polynomial x8 + x2 + x + 1. The coset polynomial x6 +x4 +x2 + 1 is added
(modulo 2) (programmable by the user) to the calculated HEC octet. The result overwrites the HEC octet
on the transmitted cell. When the transmit FIFO is empty, the TCF inserts idle cells (counted in ICC).
The TCF accumulates the number of transmitted assigned cells in a counter (TCC).
Detection
Correction
Multi-bit error
Mode
Mode
detected
(Cell discarded)
No error detected
(correction)
Single-bit error detected
Error detected
(Cell discarded)
No error detected
(No action)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com