Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1225 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1225 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1221Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1222Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1223Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1224Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1225Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1226Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1227Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1228Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1229Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1225 / 1386 page
background image
ATM Transmission Convergence Layer
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
35-9
Table 35-3 describes CDSMR fields.
35.4.1.3
TC Layer Event Registers 1–8 (TCER
x)
The TC layer event registers (TCERx), as shown in Figure 35-7, records error events for each TC block.
TCER event bits are cleared by writing ones to them.
The TCER bits are described in Table 35-4.
Table 35-3. CDSMR
x Field Descriptions
Bits
Name
Description
0–4
ALPHA
ALPHA consecutive received cells with incorrect HEC are counted by the cell delineation state
machine to pass from state SYNCH to state HUNT.
5–9
DELTA
DELTA consecutive received cells with correct HEC are counted by the cell delineation state
machine to pass from state PRESYNCH to state SYNCH.
10–15
—
Reserved
0
1
2
3
4
5
9
101112131415
Field
OR
UR
CDT
MS
PARE
—
ROF
TOF
EOF
COF
IOF
FOF
Reset
0000_0000_0000_0000
R/W
R/W
Figure 35-7. TC Layer Event Registers (TCER
x)
Table 35-4. TCER
x Field Descriptions
Bits
Name
Description
0
OR
Overrun. Rx FIFO OverFlow.
Set when Rx FIFO is full and another complete cell is received. The cell is discarded.
1
UR
Underrun. No ATM cell to transmit.
Set when the Tx FIFO is empty and the transmission of a cell is completed. An idle cell
is sent.
This interrupt is enabled only if TCMODE[URE] is set.
The idle cell header is: 0x00000001 (I.432), whose HEC is: 0x52
The idle cell payload is:0x6A (I.432).
2
CDT
Cell delineation toggled.
Set when the cell delineation bit (CD) in TCGSR has changed.
3
MS
Misplaced Txsyn signal
Set when Txsyn is out of place. (The first Txsyn is by definition always in place.)
4
PARE
Parity event
Set when parity from UTOPIA to transmit is wrong.
5–9
—
Reserved
10
ROF
Received cell counter overflow
Set when the received cells counter passes its maximum value.
11
TOF
Transmitted cell counter overflow
Set when the transmitted cells counter passes its maximum value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com