Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1229 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1229 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1225Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1226Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1227Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1228Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1229Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1230Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1231Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1232Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1233Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1229 / 1386 page
background image
ATM Transmission Convergence Layer
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
35-13
— Checks for HEC errors and corrects single HEC errors when found (again, if enabled). Cells
containing multi-bit header errors (at least 2 errors) are discarded. Idle and unassigned cells are
filtered (discarded) when detected (if the filters are enabled).
Once an ATM cell’s processing is complete, it is passed to the TC layer receive FIFO and the internal TC
layer cell counters are updated. The cell is passed from the TC layer receive FIFO via the internal UTOPIA
interface to the FCC2 receive FIFO.
An overrun condition occurs when the TC layer receive FIFO is full and the FCC is unable to read a cell
from it (via the internal UTOPIA interface) before another valid cell is received. The incoming cell is
discarded and TCER[OR] interrupt is sent to the host (if enabled in the mask register—TCMRx).
35.4.5.2
Transmit
The TC layer transmit operation is enabled by setting TCMODEx[TXEN].
The TC layer requests ATM cells for transmission via the internal UTOPIA interface. Then, when the ATM
cell is passed to the TC layer transmit block, it is stored in the TC layer transmit FIFO. When the ATM cell
is to be transmitted, it is read and processed from the TC layer transmit FIFO.
The scrambling function is performed on the ATM cell payload if TCMODEx[TPS] = 1. The ATM cell
header HEC value is calculated and the coset function is performed on the HEC if TCMODEx[TC] = 1.
The ATM cell is then sent to the PHY via the SI. Once ATM cell transmission is complete, the relevant TC
layer cell counters are updated.
When a TC layer cell counter overflows, an interrupt (TCERx[TOF]) is set (if enabled in the corresponding
TCMRx[TOF]).
The TC layer is responsible for providing the data rate required by the physical medium device (PMD).
On MPC8280 there are two ATM transmit modes. Users should refer to Section 31.2.1.5, “Transmit
External Rate and Internal Rate Modes,” for more details. The following text and figures are specific to
TC layer operation.
•
External Rate—In general, the TC would never have its transmit FIFO empty, and thus would not
need to generate idle cells. However, if the CPM is busy and if the transmit FIFO is empty, the TC
layer generates an idle cell and an underrun condition will occur. If TCMODEx[URE] = 1, the
TCERx[UR] interrupt is sent to the host (if not masked). See Figure 35-10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com