Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1226 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1226 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1222Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1223Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1224Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1225Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1226Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1227Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1228Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1229Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1230Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1226 / 1386 page
background image
ATM Transmission Convergence Layer
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
35-10
Freescale Semiconductor
35.4.1.4
TC Layer Mask Register (TCMRx)
This register’s field description is identical to that of TCER (refer to Section 35.4.1.3, “TC Layer Event
Registers 1–8 (TCERx)”). Each bit that is set in TCMR enables an interrupt when the corresponding bit in
TCER is set.
35.4.2
TC Layer General Registers
The TC layer general registers are registers that are distributed to all of the TC blocks. Each TC block is
represented by specific bits. When accessing a general register each TC block is responsible for its specific
bits only.
35.4.2.1
TC Layer General Event Register (TCGER)
The TC layer general event register (TCGER), as shown in Figure 35-8, summarizes the events for all the
TC blocks. Each bit stands for an ORed event register of a TC block. Once a bit is set, it indicates that one
or more event bits are set in the corresponding TC block event register.
Table 35-5 describes TCGER fields.
12
EOF
Errored cells counter overflow
Set when the errored cells counter passes its maximum value.
13
COF
Corrected cells counter overflow
Set when the corrected cells counter passes its maximum value.
14
IOF
Tx Idle cells counter overflow
Set when the Tx idle cells counter passes its maximum value.
15
FOF
Filtered cells counter overflow
Set when the filtered cells counter passes its maximum value.
01
23
45
67
8
15
Field TC1
TC2
TC3
TC4
TC5
TC6
TC7
TC8
—
Reset
0000_0000_0000_0000
R/W
R/W
Figure 35-8. TC Layer General Event Register (TCGER)
Table 35-5. TCGER Field Descriptions
Bits
Name
Description
0
TC1
One bit or more is set in TC1 event register.
1
TC2
One bit or more is set in TC2 event register.
2
TC3
One bit or more is set in TC3 event register.
Table 35-4. TCER
x Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com