Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1230 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1230 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1226Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1227Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1228Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1229Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1230Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1231Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1232Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1233Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1234Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1230 / 1386 page
background image
ATM Transmission Convergence Layer
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
35-14
Freescale Semiconductor
.
Figure 35-10. TC Operation in FCC External Rate Mode
•
Internal Rate (Sub Rate)—The TC layer continues to request ATM cells and transmits idle cells.
TCERx[UR] interrupts can by disabled by clearing TCMODEx[URE] until a valid ATM cell is
transmitted via the internal UTOPIA bus from FCC2 to the TC layer FIFO. See Figure 35-11.
Figure 35-11. TC Operation in FCC Internal Rate Mode (Sub Rate Mode)
Operation in byte-aligned mode (TCMODE[xTBA] = 1) is required for T1/E1 mainly. In this mode, once
the TC is enabled, it waits for the first Txsyn pulse to start transmit the first byte of the first cell. This
ensures that subsequent Txsyn pulses are byte-aligned to the cell boundaries.
FCC
PHY
MPC8280
TC
DPR
CP
UTOPIA
2M Cell Rate
2M Serial Rate
Keep FCC FIFO full
Generate Idle Cells
cell_req
BTM
ATM Channels
Idle Cell
ATM Cell
(External Rate)
FCC
PHY
MPC8280
TC
DPR
CP
UTOPIA
1M Cell Sub Rate
2M Serial Rate
1M Sub Rate
Generate Cell Req
BRG
cell req
Generate Idle Cells
BTM
ATM Channels
Idle cell
ATM cell
(Internal/Sub Rate)
Write to FIFO
ATM Cells Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com