Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1232 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1232 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1228Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1229Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1230Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1231Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1232Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1233Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1234Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1235Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1236Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1232 / 1386 page
background image
ATM Transmission Convergence Layer
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
35-16
Freescale Semiconductor
required ATM parameters and data structures have been setup and initialized, implementing a T1
application requires the following steps:
1. Program FCC2
2. Setup I/O Ports and Clocks
3. Enable Tx/Rx on FCC2
4. Program CPM MUX
5. Program the TC block
6. Program the Serial Interface (SI)
7. Enable TDM
Step 1
To setup and initialize FCC2, program the FPSMR and GFMR as shown in Table 14. This is for working
with one TC block operating in a single PHY environment. The transmitter and receiver should not be
enabled at this time. In this example, FCC2 does not discard idle cells.
Step 2
Because the FCC2 UTOPIA bus is connected internally to the TC UTOPIA bus, program the parallel ports
and BRGs for the active TDM(s).
Step 3
To enable receiving and transmitting, FCC2 should be programmed as shown in Table 15.
Step 4
To define the connection of FCC2, the CPM MUX should be programmed as shown in Table 16.
Table 35-9. Programming the CPM MUX for a TI Application
Table 35-7. Programming GFMR and FPSMR to Setup the FCC2
Init Values
Description
FPSMR2 = 0x0080_0000
UTOPIA Rx and Tx in Master Mode, Idle cells are not discarded
GFMR2 = 0x0000_000A
ATM Protocol Mode, Receiver and Transmitter are disabled
Table 35-8. Enable FCC2
Init Values
Description
GFMR2 = 0x0000_003A
Enable Rx and Tx
Init Values
Description
CMXFCR = 0x0080_0000
FCC2 is connected to the TC Layer
CMXUAR = 0x0000
FCC2 as UTOPIA master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com