Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1236 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1236 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1232Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1233Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1234Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1235Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1236Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1237Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1238Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1239Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1240Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1236 / 1386 page
background image
Fast Ethernet Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
36-2
Freescale Semiconductor
10-Mbps Ethernet basic timing specifications follow:
•
Transmits at 0.8 µs per byte
•
The preamble plus start frame delimiter is sent in 6.4 µs.
•
The minimum interframe gap is 9.6 µs.
•
The slot time is 51.2 µs.
100-Mbps Ethernet basic timing specifications follow:
•
Transmits at 0.08 µs per byte
•
The preamble plus start frame delimiter is sent in 0.64 µs.
•
The minimum interframe gap is 0.96 µs.
•
The slot time is 5.12 µs.
36.1
Fast Ethernet on the MPC8280
When a general FCC mode register (GFMRx[MODE]) selects Ethernet protocol, that FCC performs the
full set of IEEE 802.3/Ethernet CSMA/CD media access control (MAC) and channel interface functions.
Figure 36-2 shows a block diagram of the FCC Ethernet control logic.
Figure 36-2. Ethernet Block Diagram
36.2
Features
The following is a list of Fast Ethernet key features:
•
Support for Fast Ethernet through the MII (media-independent interface)
•
Performs MAC (media access control) layer functions of Fast Ethernet and IEEE 802.3x
Shifter
Receive
Receiver
Control
UNIT
FIFO
Shifter
Transmit
Transmitter
Control
Unit
FIFO
Slot Time
Clock
Generator
Internal Clocks
Control
Registers
TXD[3–0]
RXD[3–0]
Peripheral Bus
60x-Bus
Data
Data
RX_CLK
TX_CLK
And Defer
Counter
TX_ER
CRS
CRS
COL
RX_ER
TX_EN
COL
RX_DV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com