Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1239 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1239 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1235Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1236Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1237Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1238Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1239Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1240Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1241Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1242Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1243Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1239 / 1386 page
background image
Fast Ethernet Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
36-5
Each FCC has 18 signals, defined by the IEEE 802.3u standard, for connecting to an Ethernet PHY. The
two management signals (MDC and MDIO) required by the MII should be implemented separately using
the parallel I/O.
The MPC8280 has additional signals for interfacing with an optional external content-addressable memory
(CAM), which are described in Section 36.7, “CAM Interface.”
The MPC8280 uses the SDMA channels to store every byte received after the start frame delimiter into
system memory. On transmit, the user provides the destination address, source address, type/length field,
and transmit data. To meet minimum frame requirements, MPC8280 automatically pads frames with fewer
than 64 bytes in the data field. The MPC8280 also appends the FCS to the frame.
36.3.1
Connecting the MPC8280 to Ethernet (RMII)
Figure 36-4 shows the basic components of the reduced media-independent interface (RMII) and the
signals required for the fast Ethernet connection between the MPC8280 and a PHY. The MDC/MDIO
management interface is the same as in MII. The RMII reference clock (REF_CLK) is distributed over the
FCC transmit clock. In RMII mode receive clock is not used.
Figure 36-4. Connecting the
MPC8280 to Ethernet (RMII)
36.4
Ethernet Channel Frame Transmission
The Ethernet transmitter requires almost no core intervention. When the core enables the transmitter, the
Ethernet controller polls the first TxBD in the FCC’s TxBD table every 256 serial clocks. If the user has a
frame ready to transmit, setting FTODR[TOD] eliminates waiting for the next poll. When there is a frame
to transmit, the Ethernet controller begins fetching the data from the data buffer and asserts TX_EN. The
preamble sequence, start frame delimiter, and frame information are sent in that order; see Figure 36-1. In
full-duplex mode, because collisions are ignored, frame transmission maintains only the interframe gap 28
serial clocks (112 bit time period) regardless of CRS assertion.
Transmit di-bit Data (TXD[1:0])
Transmit Enable (TX_EN)
Reference Clock (REF_CLK)
Receive di-bit Data (RXD[1:0])
Receive Error (RX_ER)
Receive CRS_DV (CRS_DV)
Management Data I/O 1 (MDIO)
Management Data Clock1 (MDC)
MPC8280
Fast Ethernet
RMII PHY
Medium
1The management signals (MDC and MDIO) can be common to all of the fast Ethernet connections in the
system, assuming that each PHY has a different management address. Use parallel I/O port pins to implement
MDC and MDIO. (The I2C controller cannot be used for this function.)
Clock from board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com