Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1237 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1237 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1233Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1234Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1235Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1236Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1237Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1238Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1239Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1240Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1241Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1237 / 1386 page
background image
Fast Ethernet Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
36-3
•
Performs framing functions
— Preamble generation and stripping
— Destination address checking
— CRC generation and checking
— Automatic padding of short frames on transmit
— Framing error (dribbling bits) handling
•
Full collision support
— Enforces the collision (jamming and TX_ER assertion)
— Truncated binary exponential backoff algorithm for random wait
— Two nonaggressive backoff modes
— Automatic frame retransmission (until retry limit is reached)
— Automatic discard of incoming collided frames
— Delay transmission of new frames for specified interframe gap
•
Bit rates up to 100 Mbps
•
Receives back-to-back frames
•
Detection of receive frames that are too long
•
Multibuffer data structure
•
Supports 48-bit addresses in three modes
— Physical. One 48-bit address recognized or 64-bin hash table for physical addresses
— Logical. 64-bin group address hash table plus broadcast address checking
— Promiscuous. Receives all frames regardless of address (a CAM can be used for address
filtering)
•
External CAM support on system bus interfaces
•
Special RMON counters for monitoring network statistics
•
Transmitter network management and diagnostics
— Lost carrier sense
— Underrun
— Number of collisions exceeded the maximum allowed
— Number of retries per frame
— Deferred frame indication
— Late collision
•
Receiver network management and diagnostics
— CRC error indication
— Nonoctet alignment error
— Frame too short
— Frame too long



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com