Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1233 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1233 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1229Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1230Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1231Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1232Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1233Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1234Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1235Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1236Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1237Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1233 / 1386 page
background image
ATM Transmission Convergence Layer
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
35-17
Step 5
The TCx layer block should be configured using the TCMODEx and CDSMR1 registers as shown in
Table 17. Note that the TC layer must be enabled after both FCC2 and CPM MUX have been programmed.
Step 6
Program the SI to retrieve the data bits (192 bits) out of the T1 frame (193 bits). The SI frame pattern is
programmed in the SI RAM (Rx or Tx), as shown in Table 18.
Step 7
The last step in this example is to initialize the serial interface registers and enable TDM—in this case
TDMa on SI1 as shown in Table 19.
Table 35-10. Programming the TC Layer Block
Init Values
Description
TCMODE1 = 0xC202
Enable TC Layer Rx and Tx, no error correction on header, the TC is the only PHY on
UTOPIA
CDSMR1 = 0x3980
ALPHA = 7, DELTA = 6 (default values)
Table 35-11. Programming the SI RAM (Rx or Tx) for a T1 Application
Init Values
Description
SI_RAM[00]=0x0000
1 bit is ignored.
SI_RAM[02]=0x015E
Route 8 bytes to FCC2.
SI_RAM[04]=0x015E
Route 8 bytes to FCC2.
SI_RAM[06]=0x015F
Route 8 bytes to FCC2 and go back to the first entry in table.
Table 35-12. Programming SI Registers to Enable TDM
Init Values
Description
SI1AMR = 0x0040
Common Receive and Transmit Pins for TDMa
SI1GMR = 01
Enable TDMa



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com