Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1231 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1231 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1227Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1228Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1229Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1230Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1231Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1232Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1233Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1234Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1235Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1231 / 1386 page
background image
ATM Transmission Convergence Layer
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
35-15
35.5
Implementation Example
Figure 35-12 shows the MPC8280 connected to two PHY devices, each containing four T1 framers. The
eight T1 bit streams are connected to the eight MPC8280 SI TDMs and routed via the SI to the eight TC
layer blocks. The eight TC layer blocks, each with its own address, are connected internally to FCC2 via
the UTOPIA 8-bit bus. Another ATM stream is managed by FCC1 via the UTOPIA 16-bit bus connected
to a SONET 155-Mbps PHY.
Figure 35-12. Example of Serial ATM Application
35.5.1
Operating the TC Layer at Higher Frequencies
The operation of the TC layer requires a minimum frequency ratio of 1:2.5 between the serial clock and
the UTOPIA clock (in Rx and Tx separately). Using the TC for serial frequencies greater than 10 MHz
requires using higher UTOPIA frequencies to preserve that ratio.
35.5.2
Programming a T1 Application
This section describes the configurations necessary to implement a T1 application using a single TC layer
block. Note that using two or more TCs requires FCC2 to work in MPHY mode. Assuming that the
FCC2
SI-2
4 channel
T1
PHY
TC
FCC1
UTOPIA 8-bit bus
UTOPIA 16-bit bus
DPR
SONET
155 mbps
PHY
4*1.5 mbps
8*1.5 mbps
TDMa
TDMb
TDMc
TDMd
TDMa
TDMb
TDMc
TDMd
SI-1
Framer
4 channel
T1
PHY
4*1.5 mbps
Framer
MPC8280



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com