Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1238 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1238 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1234Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1235Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1236Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1237Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1238Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1239Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1240Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1241Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1242Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1238 / 1386 page
background image
Fast Ethernet Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
36-4
Freescale Semiconductor
— Overrun
— Busy (out of buffers)
•
Error counters
— Discarded frames (out of buffers or overrun occurred)
— CRC errors
— Alignment errors
•
Internal and external loopback mode
•
Supports Fast Ethernet in duplex mode
•
Supports pause flow control frames
•
Support of out-of-sequence transmit queue (for flow-control frames)
•
External buffer descriptors (BDs)
36.3
Connecting the MPC8280 to Fast Ethernet
Figure 36-3 shows the basic components of the media-independent interface (MII) and the signals required
to make the Fast Ethernet connection between the MPC8280 and a PHY.
Figure 36-3. Connecting the MPC8280 to Ethernet
Transmit Error (TX_ER)
Transmit Nibble Data 0–3 (TXD[0–3])
Transmit Enable (TX_EN)
Transmit Clock (TX_CLK)
Collision Detect (COL)
Receive Nibble Data (RXD[0–3])
Receive Error (RX_ER)
Receive Clock (RX_CLK)
Receive Data Valid (RX_DV)
Carrier Sense Output (CRS)
Management Data I/O1 (MDIO)
Management Data Clock1 (MDC)
MPC8280
Fast Ethernet
PHY
Medium
Media-Independent Interface (MII)
1 The management signals (MDC and MDIO) can be common to all of the Fast Ethernet connections in
the system, assuming that each PHY has a different management address. Use parallel I/O port pins to
implement MDC and MDIO. (The I2C controller cannot be used for this function.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com