Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1241 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1241 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1237Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1238Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1239Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1240Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1241Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1242Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1243Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1244Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1245Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1241 / 1386 page
background image
Fast Ethernet Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
36-7
When the receiver detects the first bytes of a frame, the Ethernet controller performs address recognition
functions on the frame; see Section 36.12, “Ethernet Address Recognition.” The receiver can receive
physical (individual), group (multicast), and broadcast addresses. Because Ethernet receive frame data is
not written to memory until the internal address recognition algorithm is complete, bus usage is not wasted
on frames not addressed to this station. The receiver can also operate with an external CAM, in which case
frame reception continues normally, unless the CAM specifically signals the frame to be rejected. See
Section 36.7, “CAM Interface.”
If an address is recognized, the Ethernet controller fetches the next RxBD and, if it is empty, starts
transferring the incoming frame to the RxBD’s associated data buffer.
In half-duplex mode, if a collision is detected during the frame, the RxBDs associated with this frame are
reused. Thus, no collision frames are presented to the user except late collisions, which indicate serious
LAN problems. When the buffer has been filled, the Ethernet controller clears RxBD[E] and generates an
interrupt if RxBD[I] is set. If the incoming frame is larger than the buffer, the Ethernet controller fetches
the next RxBD in the table; if it is empty, it continues receiving the rest of the frame.
The RxBD length is determined by MRBLR in the parameter RAM. The user should program MRBLR to
be at least 64 bytes. During reception, the Ethernet controller checks for frames that are too short or too
long. When the frame ends, the receive CRC field is checked and written to the data buffer. The data length
written to the last BD in the Ethernet frame is the length of the entire frame, which enables the software to
recognize a frame-too-long condition.
If an external CAM is used (FPSMRx[CAM] = 1), the Ethernet controller adds the two lower bytes of the
CAM output at the end of each frame. Note that the data length does not include these two bytes; that is,
the extra two bytes could push the buffer length past MRBLR.
When the receive frame is complete, the Ethernet controller sets RxBD[L], writes the other frame status
bits into the RxBD, and clears RxBD[E]. The Ethernet controller next generates a maskable interrupt,
indicating that a frame was received and is in memory. The Ethernet controller then waits for a new frame.
The Ethernet controller receives serial data least-significant nibble first.
36.6
Flow Control
Because collisions cannot occur in full-duplex mode, Fast Ethernet can operate at the maximum rate.
When the rate becomes too fast for a station’s receiver, the station’s transmitter can send flow-control
frames to reduce the rate. Flow-control instructions are transferred by special frames of minimum frame
size. The length/type fields of these frames have a special value. Table 36-1 shows the flow-control frame
structure.
Table 36-1. Flow Control Frame Structure
Size [Octets]
Description
Value
Comment
7
Preamble
1
SFD
Start frame delimiter
6
Destination address
01-80C2-00-00-01
Multicast address reserved for use in MAC frames
6
Source address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com